Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VG6640 Datasheet(PDF) 67 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 63Page - STMicroelectronics VG6640 Datasheet HTML 64Page - STMicroelectronics VG6640 Datasheet HTML 65Page - STMicroelectronics VG6640 Datasheet HTML 66Page - STMicroelectronics VG6640 Datasheet HTML 67Page - STMicroelectronics VG6640 Datasheet HTML 68Page - STMicroelectronics VG6640 Datasheet HTML 69Page - STMicroelectronics VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 126 page
background image
DocID023597 Rev 11
67/126
VG6640, VD6640
Video data interface
125
5.1.2
Frame format
The structure of the image frame for the CSI-2 interface is shown in Figure 16 and
described by the data types in Table 31 and Table 32.
Figure 16. CSI-2 frame format
Table 31. CSI-2 short packet data types
Name
Description
Data type
FS
Frame start
0x00
FE
Frame end
0x01
Table 32. CSI-2 long packet data types
Name
Description
Data type
PH-ED
Embedded data
0x12
PH-PD
RAW12 (pixel data)
0x2C
PF-PD
980 x Visible pixel lines
2 x Header embedded data lines
Inter-frame blanking
PF-ED
FS - Frame start (short packet)
(active lines)
Inter-
line
blanking
PH-PD
PH-ED
FS
FE
FE - Frame end (short packet
PH-ED - Packet header for embedded data (long packet)
PF-ED - Packet footer for embedded data (long packet)
Data type - Embedded Data
Data type - RAW12
PH-PD - Packet header for pixel data (long packet)
PF-PD - Packet footer for pixel data (long packet)
6 x Trailer embedded data lines
Data type - Embedded Data
PH-ED
PF-ED
4 x ASIL Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com