Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VG6640 Datasheet(PDF) 74 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics VG6640 Datasheet HTML 74Page - STMicroelectronics VG6640 Datasheet HTML 75Page - STMicroelectronics VG6640 Datasheet HTML 76Page - STMicroelectronics VG6640 Datasheet HTML 77Page - STMicroelectronics VG6640 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
Video timing
VG6640, VD6640
74/126
DocID023597 Rev 11
Figure 20. 2 x 2 subsampling readout example (Bayer)
1. Figure 20 valid only for RGB
6.3
External clock to pixel clock relationship
The image sensor has a clock generation block which contains a PLL (phase locked loop).
This block generates all the necessary internal clocks from a single external clock input.
Changes to the PLL settings on the image sensor will only be consumed when they are
changed during standby.
Figure 21 shows the internal functional blocks, which define the relationship between the
external input clock frequency and the pixel clock frequency.
The majority of the logic within the device is clocked by VT_PixelClock including the 12bit
ITU interface if selected. If the CSI2 interface is used then the data rate is defined by
OpClock giving a bit rate on the CSI2 interface of OpClock bytes or a maximum of 66MHz *
8bits = 528Mbits/sec
When the device is not streaming the PLL is bypassed and the internal digital logic,
including the I2C block, is clocked directly from the EXTCLK_XTAL1 input clock.
8
5
6
7
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
4
1
2
3
9
10
8
567
4
12 3
9
010
0
11
1
33
3
1
1
1
3
3
3
Example:
x_even_inc=1
x_odd_inc=3
y_even_inc=1
y_odd_inc=3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com