Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VG6640 Datasheet(PDF) 107 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 103Page - STMicroelectronics VG6640 Datasheet HTML 104Page - STMicroelectronics VG6640 Datasheet HTML 105Page - STMicroelectronics VG6640 Datasheet HTML 106Page - STMicroelectronics VG6640 Datasheet HTML 107Page - STMicroelectronics VG6640 Datasheet HTML 108Page - STMicroelectronics VG6640 Datasheet HTML 109Page - STMicroelectronics VG6640 Datasheet HTML 110Page - STMicroelectronics VG6640 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 126 page
background image
DocID023597 Rev 11
107/126
VG6640, VD6640
Application
125
11.3.2
Power-down procedure
Table 61. Power-down sequence timing constraints
Symbol
C
Parameter
Minimum
Maximum
Units
t8
Last I2C transaction to frame
end(1)
1. The power down sequence is triggered by the I2C power down request, however the power down
sequence will only start after the end of the frame when all active data has been transferred to the output
interface. Once complete, the CSI-2 data signals enter LP11. The CSI-2 clock will enter LP11 with a delay
of 5 µs (corresponding to Tclk_post + Tclk_trail) after the data signals. The device will remain in LP11
unless the sensor restarts streaming or RESET_N is pulled low.
1frames
t9
Frame end to RESET_N falling
512
clock cycles
t10
RESET_N falling to
XSHUTDOWN falling
∞
ms
t11
RESET_N falling to
EXTCLK_XTAL1 stopping
∞
ms
t12
VDIG falling to VANA falling
VANA and VDIG may fall in any
order, the falling edge separation
can vary from 0 ns to indefinite
t13
VANA falling to VDIG falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com