Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VG6640 Datasheet(PDF) 118 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 114Page - STMicroelectronics VG6640 Datasheet HTML 115Page - STMicroelectronics VG6640 Datasheet HTML 116Page - STMicroelectronics VG6640 Datasheet HTML 117Page - STMicroelectronics VG6640 Datasheet HTML 118Page - STMicroelectronics VG6640 Datasheet HTML 119Page - STMicroelectronics VG6640 Datasheet HTML 120Page - STMicroelectronics VG6640 Datasheet HTML 121Page - STMicroelectronics VG6640 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 126 page
background image
Acronyms and abbreviations
VG6640, VD6640
118/126
DocID023597 Rev 11
15
Acronyms and abbreviations
Table 64. Acronyms and abbreviations
Acronym/
abbreviation
Definition
ASIL
Automotive safety integrity level
CDM
Charged device model
CRC
Cyclic redundancy check
CSI
Camera serial interface
DPCM
Differential pulse code modulation
ECC
Error correction code
EMC
Electromagnetic compatibility
EMI
Electromagnetic interference
EOF
End of frame
EOT
End of transmission
FE
Frame end
FFOV
Full field of view
FIFO
First-in, first out (memory)
FOV
Field of view
fps
Frames per second
FS
Frame start
GPIO
General purpose input/output
HBM
Human body model
HDR
High dynamic range
HS
High speed; identifier for operation mode
HS-RX
High speed receiver (low-swing differential)
HS-TX
High speed transmitter (low-swing differential)
I2C
Inter integrated circuit (bus)
LDO
Low dropout (regulator)
LE
Line end
LLP
Low level protocol
LS
Line start
LSB
Least significant byte
LP
Low power; identifier for operation mode
LP-RX
Low power receiver (large-swing single ended)
LP-TX
Low power transmitter (large-swing single ended)
LVDS
Low voltage differential signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com