Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ES9028PRO Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 6Page - ESS Technology,Inc ES9028PRO Datasheet HTML 7Page - ESS Technology,Inc ES9028PRO Datasheet HTML 8Page - ESS Technology,Inc ES9028PRO Datasheet HTML 9Page - ESS Technology,Inc ES9028PRO Datasheet HTML 10Page - ESS Technology,Inc ES9028PRO Datasheet HTML 11Page - ESS Technology,Inc ES9028PRO Datasheet HTML 12Page - ESS Technology,Inc ES9028PRO Datasheet HTML 13Page - ESS Technology,Inc ES9028PRO Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
10
Time Domain Jitter Eliminator and DPLL
By default, the DAC works in Jitter Eliminator mode allowing the audio interface timing to be asynchronous to MCLK. A DPLL
constantly updates the FSR/MCLK ratio to calculate the true 32-bit timing of the incoming audio samples allowing the ESS
patented Time Domain Jitter Eliminator to remove any distortion caused by jitter.
The DPLL acquisition speed can be set by lock_speed in Register 10: Master Mode and Sync Configuration.
The PCM/SPDIF DPLL bandwidth can be set via dpll_bw_serial in Register 12: Jitter Eliminator / DPLL Bandwidth
The DSD DPLL bandwidth can be set via dpll_bw_dsd in Register 12: Jitter Eliminator / DPLL Bandwidth
For best performance, the DPLL bandwidth should be set to the minimum setting that will keep the DPLL reliably in lock.
Sample Rate Calculation
The raw sample rate (FSR) can be calculated from Register 66-69 : DPLL Number using the following formula:
FSR =
(dpll_num ∗ MCLK)
232
Synchronous Mode (PCM mode only)
The DPLL can be bypassed if the incoming PCM audio is synchronous to MCLK with the relationship MCLK=128FSR. This
can be enabled via 128fs_mode in Register 10: Master Mode and Sync Configuration.
DAC Full-Scale Gain Calibration
DAC gain calibration enables uniform output level across multiple chips by compensating for chip-to-chip gain variations.
The DAC full-scale gain-calibration system works by comparing an internal resistor to an external precision resistor of known
value. The two resistors are set up as a voltage divider that is connected between power and ground. The value of the
internal resistor changes with semiconductor process variations so by measuring the divider’s voltage output, using an ADC,
the process variation from nominal can be measured and this is used to correct the DAC gain. As all the DAC channels are
on the same monolithic chip, the channel-to-channel gain variation is very small and does not need to be trimmed.
There are two ADCs and either of the ADC inputs can be used to drive the auto-calibration circuit. The circuit uses the ADC
value, as decimated by the internal programmable decimation filters, to scale the master_trim value. Master_trim can be
programmed as normal but will be scaled by the ADC value when in automatic-calibration mode. In this mode, master_trim
can be set once by enabling automatic calibration, and the DAC output levels will be consistent across all DAC devices.
Full-scale gain-calibration is enabled using calib_en in Register 63: Auto Calibration.
calib_sel in Register 63: Auto Calibration selects which ADC to use
calib_latch in Register 63: Auto Calibration determines whether to use the new ADC correction value or ignore it.
ADC values update at the ADC_CLK rate which is also programmable in Register 46: ADC Configuration.
The ADC decimation filters may also be programmed to a lower bandwidth to help smooth out any voltage transients on the
divider output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com