Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC7802 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 9Page - Analog Devices LTC7802 Datasheet HTML 10Page - Analog Devices LTC7802 Datasheet HTML 11Page - Analog Devices LTC7802 Datasheet HTML 12Page - Analog Devices LTC7802 Datasheet HTML 13Page - Analog Devices LTC7802 Datasheet HTML 14Page - Analog Devices LTC7802 Datasheet HTML 15Page - Analog Devices LTC7802 Datasheet HTML 16Page - Analog Devices LTC7802 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC7802-3.3
13
Rev. 0
For more information www.analog.com
OPERATION
the TRACK/SS voltage rises linearly from 0V to 0.8V (and
beyond), the output voltage VOUT rises smoothly from
zero to its final value.
Alternatively, the TRACK/SS pins can be used to make the
start-up of VOUT track that of another supply. Typically
this requires connecting to the TRACK/SS pin through an
external resistor divider from the other supply to ground
(see the Applications Information section).
Light Load Operation: Burst Mode Operation, Pulse-
Skipping, or Forced Continuous Mode (MODE Pin)
The LTC7802-3.3 can be set to enter high efficiency
Burst Mode operation, constant frequency pulse-skipping
mode or forced continuous conduction mode at low load
currents.
To select Burst Mode operation, tie the MODE pin to
ground. To select forced continuous operation, tie the
MODE pin to INTVCC. To select pulse-skipping mode, tie
the MODE pin to a DC voltage greater than 1.2V and less
than INTVCC – 1.3V. An internal 100k resistor to ground
invokes Burst Mode operation when the MODE pin is
floating and pulse-skipping mode when the MODE pin is
tied to INTVCC through an external 100k resistor.
When the controllers are enabled for Burst Mode opera-
tion, the minimum peak current in the inductor is set to
approximately 25% of its maximum value even though
the voltage on the ITH pin might indicate a lower value. If
the average inductor current is higher than the load cur-
rent, the error amplifier EA will decrease the voltage on
the ITH pin. When the ITH voltage drops below 0.425V,
the internal sleep signal goes high (enabling sleep mode)
and both external MOSFETs are turned off. The ITH pin is
then disconnected from the output of the EA and parked
at 0.45V.
In sleep mode, much of the internal circuitry is turned
off, reducing the quiescent current that the LTC7802-3.3
draws. If one channel is in sleep mode and the other chan-
nel is shut down, the LTC7802-3.3 draws only 15μA of
quiescent current. If both channels are in sleep mode, the
LTC7802-3.3 draws only 20μA of quiescent current. When
VOUT on channel 1 is 3.2V or higher, the majority of this
quiescent current is supplied by the SENSE1– pin, which
further reduces the input-referred quiescent current by
the ratio of VIN/VOUT multiplied by the efficiency.
In sleep mode, the load current is supplied by the output
capacitor. As the output voltage decreases, the EA’s out-
put begins to rise. When the output voltage drops enough,
the ITH pin is reconnected to the output of the EA, the
sleep signal goes low, and the controller resumes normal
operation by turning on the top MOSFET on the next cycle
of the internal oscillator.
When a controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator (IR) turns off the bottom MOSFET
just before the inductor current reaches zero, preventing
it from reversing and going negative. Thus, the controller
operates in discontinuous operation.
In forced continuous operation the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than
in Burst Mode operation. However, continuous operation
has the advantage of lower output voltage ripple and less
interference to audio circuitry. In forced continuous mode,
the output ripple is independent of load current.
When the MODE pin is connected for pulse-skipping
mode, the LTC7802-3.3 operates in PWM pulse-skipping
mode at light loads. In this mode, constant frequency
operation is maintained down to approximately 1% of
designed maximum output current. At very light loads, the
current comparator ICMP may remain tripped for several
cycles and force the top MOSFET to stay off for the same
number of cycles (i.e., skipping pulses). The inductor cur-
rent is not allowed to reverse (discontinuous operation).
This mode, like forced continuous operation, exhibits low
output ripple as well as low audio noise and reduced RF
interference as compared to Burst Mode operation. It pro-
vides higher low current efficiency than forced continuous
mode, but not nearly as high as Burst Mode operation.
Unlike forced continuous mode and pulse-skipping mode,
Burst Mode cannot be synchronized to an external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com