Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC7802 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 17Page - Analog Devices LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC7802-3.3
21
Rev. 0
For more information www.analog.com
current pulses required through the input capacitor’s
ESR. This is why the input capacitor’s requirement cal-
culated above for the worst-case controller is adequate
for the dual controller design. Also, the input protection
fuse resistance, battery resistance, and PC board trace
resistance losses are also reduced due to the reduced
peak currents in a 2-phase system. The overall benefit of
a multiphase design will only be fully realized when the
source impedance of the power supply/battery is included
in the efficiency testing.
The drains of the top MOSFETs should be placed within
1cm of each other and share a common CIN(s). Separating
the drains and CIN may produce undesirable resonances
at VIN.
A small (0.1μF to 1μF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC7802-3.3, is
also suggested. An optional 1Ω to 10Ω resistor placed
between CIN and the VIN pin provides further isolation
from a noisy input supply.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
ΔVOUT ≈ ΔIL ESR +
1
8fCOUT
⎛
⎝
⎜
⎞
⎠
⎟
where f is the operating frequency, COUT is the output
capacitance and ΔIL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage.
Setting the Output Voltage
For channel 1, directly connect the LTC7802-3.3’s VOUT1
pin to the output to regulate the output voltage to 3.3V.
For channel 2, the output voltage is set by an external
feedback resistor divider carefully placed across the out-
put, as shown in Figure 4. The regulated output voltage
is determined by:
VOUT2 = 0.8V 1+
R
RB
A
⎛
⎝
⎜
⎞
⎠
⎟
APPLICATIONS INFORMATION
Figure 4. Setting Channel 2 Output Voltage
780233 F04
LTC7802-3.3
VFB2
RB
CFF
RA
VOUT
Place resistors RA and RB very close to the VFB2 pin to
minimize PCB trace length and noise on the sensitive VFB2
node. Great care should be taken to route the VFB2 trace
away from noise sources, such as the inductor or the
SW trace. To improve frequency response, a feedforward
capacitor (CFF) may be used.
RUN Pins and Undervoltage Lockout
The two channels of the LTC7802-3.3 are enabled using
the RUN1, and RUN2 pins. The RUN pins have a rising
threshold of 1.2V with 100mV of hysteresis. Pulling a
RUN pin below 1.1V shuts down the main control loop
and resets the soft-start for that channel. Pulling both
RUN pins below 0.7V disables the controllers and most
internal circuits, including the INTVCC LDOs. In this state,
the LTC7802-3.3 draws only ≈1.5μA of quiescent current.
The RUN pins are high impedance and must be externally
pulled up/down or driven directly by logic. Each RUN pin
can tolerate up to 40V (absolute maximum), so it can be
conveniently tied to VIN in always-on applications where
the controller is enabled continuously and never shut
down. Do not float the RUN pins.
The RUN pins can also be configured as precise under-
voltage lockouts (UVLOs) on the input supply with a resis-
tor divider from VIN to ground, as shown in Figure 5.
The VIN UVLO thresholds can be computed as:
UVLO RISING = 1.2V 1+
R
R1
2
⎛
⎝
⎜
⎞
⎠
⎟
UVLO FALLING = 1.1V 1+
R
R1
2
⎛
⎝
⎜
⎞
⎠
⎟



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com