Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL71A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL71A
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL71A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL71A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL71A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves
特性曲线
36
912
15
18
2
4
6
8
12
Ta = 25 °C
14
10
21
Ta = 100 °C
0.05
0.1
0.5
1
Tj = 25°C
正向特性曲线
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
REVERSE CHARACTERISTIC [VR-IR]
反向特性曲线
反向重复峰值电压
VR(KV)
Repetitive Peak Reverse Voltage (KV)
6.0
8.0
10.0
4.0
5.0
7.0
9.0
反向电压特性分布
RECERSE VOLTAGE CHARACTENRISTIC DISTRIBUTION
812
16
20
10
20
30
40
50
60
70
80
90
100
反向电压 VZ(KV)
VZ,Reverse voltage(KV)
Tj=25
°C
Iz=25uA
N=100pcs
80
0
40
120
160
200
240
20
40
60
80
100 120
140
0
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
REVERSE RECVERY TIME CHARACTENRISTIC[Ta-Trr]
反向恢复时间特性
2CL71A
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com