Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL71A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL71A
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL71A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL71A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL71A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·彩色电视机高压主电源整流用
Rectification for high voltage power supply of color T.V.
·CRT显示器高压电源整流用
Rectification for high voltage power supply of CRT display
·其它高压电源整流用
Others
塑封快恢复高压二极管
反向电压
8KV
正向电流 5m
A
Plastic Fast Recover High Voltage Rectifier
Reverse Voltage 8KV
Forward Current 5mA
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
-40 --- +120
-40 --- +100
120
反向重复峰值电压
Repetitive Peak Reverse Voltage
正向平均电流
Average Forward Current
正向(不重复)浪涌电流
Non-Repetitive Forward Surge Current
有效结温
Virtual Junction Temperature
贮存温度
Storage Temperature
工作环境温度
Ambient Temperature
KV
mA
A
VRRM
IF(AV)
IFSM
TJ
Tstg
符号
Symbol
单位
Unit
2CL71A
8
5
参数名称
Item
0.5
Tamb
25
IF =10mA
正向压降
反向恢复时间
V
μA
nS
IRM1
trr
Forward Voltage Drop
Reverse Recovery Time
符号
Symbol
单位
Unit
VF
80
参数名称
Item
2CL71A
·空气净化器用
Air Clean Car
Unit:mm
MIN
MIN
27
6.5±0.2
27
2.5±0.2
0.5±0.03
2
5
常温反向漏电流
高温反向漏电流
Normal Temperature Reverse Current
High Temperature Reverse Current
IRM2
TA=100VR=VRRM
VR=VRRM
μA
IF =2mA,Irp=4mA
1mA recovery
(正弦半波50HZ,电阻负载Ta=25℃)
(50HZ half-sine wave,Resistance load Ta=25℃)
2CL71A
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - 2CL71A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
logo
Shenzhen Luguang Electr...
2CL71A LUGUANG-2CL71A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
5mA 8kV HIGH VOLTAGE DIODES
logo
American Microsemicondu...
2CL71A AMMSEMI-2CL71A Datasheet
673Kb / 2P
GERMANIUM PNP MESA TRANSISTORS
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
625Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL71A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
2CL70A DACHANG-2CL70A Datasheet
117Kb / 2P
Plastic Fast Recover High Voltage Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
Plastic Fast Recover Rectifier
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier
logo
First Silicon Co., Ltd
2CL71A FS-2CL71A Datasheet
218Kb / 2P
Plastic Fast Recover High Voltage Rectifier
logo
Shanghai Leiditech Elec...
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
Plastic Fast Recover High Voltage Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com