Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV931IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  LMV931IDBVT Datasheet HTML 1Page - Texas Instruments LMV931IDBVT Datasheet HTML 2Page - Texas Instruments LMV931IDBVT Datasheet HTML 3Page - Texas Instruments LMV931IDBVT Datasheet HTML 4Page - Texas Instruments LMV931IDBVT Datasheet HTML 5Page - Texas Instruments LMV931IDBVT Datasheet HTML 6Page - Texas Instruments LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 1.8-V, 2.7-V, and 5-V Specifications
D Rail-to-Rail Output Swing
− 600-
Ω Load ...80 mV From Rail
− 2-k
Ω Load ...30 mV From Rail
D VICR . . . 200 mV Beyond Rails
D Gain Bandwidth . . . 1.4 MHz
D Supply Current . . . 100 µA/Amplifier
D Max VIO ...4 mV
D Space-Saving Packages
− LMV931: SOT-23 and SC-70
− LMV932: MSOP and SOIC
− LMV934: SOIC and TSSOP
D Applications
− Industrial (Utility/Energy Metering)
− Automotive
− Communications (Optical Telecom,
Data/Voice Cable Modems)
− Consumer Electronics (PDAs, PCs,
CDR/W, Portable Audio)
− Supply-Current Monitoring
− Battery Monitoring
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT-23 (DBV)
Reel of 3000
LMV931IDBVR
RBB_
Single
SOT-23 (DBV)
Reel of 250
LMV931IDBVT
Single
SC-70 (DCK)
Reel of 3000
LMV931IDCKR
RB_
SC-70 (DCK)
Reel of 250
LMV931IDCKT
MSOP/VSSOP (DGK)
Reel of 2500
LMV932IDGKR
−40
°C to 125°C
Dual
MSOP/VSSOP (DGK)
Reel of 250
LMV932IDGKT
−40
°C to 125°C
Dual
SOIC (D)
Tube of 75
LMV932ID
SOIC (D)
Reel of 2500
LMV932IDR
SOIC (D)
Tube of 50
LMV934ID
Quad
SOIC (D)
Reel of 2500
LMV934IDR
Quad
TSSOP (PW)
Tube of 90
LMV934IPW
TSSOP (PW)
Reel of 2000
LMV934IPWR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
Copyright
 2005, Texas Instruments Incorporated
LMV931 . . . DBV (SOT23-5) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
5
4
IN+
VCC−
IN−
VCC+
OUTPUT
LMV932 ...D (SOIC) OR
DGK (VSSOP/MSOP) PACKAGE
(TOP VIEW)
LMV934 ...D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LMV931IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931IDBVRE4 TI-LMV931IDBVRE4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV931IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com