Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV931IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  LMV931IDBVT Datasheet HTML 1Page - Texas Instruments LMV931IDBVT Datasheet HTML 2Page - Texas Instruments LMV931IDBVT Datasheet HTML 3Page - Texas Instruments LMV931IDBVT Datasheet HTML 4Page - Texas Instruments LMV931IDBVT Datasheet HTML 5Page - Texas Instruments LMV931IDBVT Datasheet HTML 6Page - Texas Instruments LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The LMV93x devices are low-voltage, low-power, operational amplifiers that are well suited for today’s
low-voltage and/or portable applications. Specified for operation of 1.8 V to 5 V, they can be used in portable
applications that are powered from a single-cell Li-ion or two-cell batteries. They have rail-to-rail input and output
capability for maximum signal swings in low-voltage applications. The LMV93x input common-mode voltage
extends 200 mV beyond the rails for increased flexibility. The output can swing rail-to-rail unloaded and typically
can reach 80 mV from the rails, while driving a 600-
Ω load (at 1.8-V operation).
During 1.8-V operation, the devices typically consume a quiescent current of 103
mA per channel, and yet they
are able to achieve excellent electrical specifications, such as 101-dB open-loop DC gain and 1.4-MHz gain
bandwidth. Furthermore, the amplifiers offer good output drive characteristics, with the ability to drive a 600-
Ω
load and 1000-pF capacitance with minimal ringing.
The LMV93x devices are offered in the latest packaging technology to meet the most demanding
space-constraint applications. The LMV931 is offered in standard SOT-23 and SC-70 packages. The LMV932
is available in the traditional MSOP and SOIC packages. The LMV934 is available in the traditional SOIC and
TSSOP packages.
The LMV93x devices are characterized for operation from −40
°C to 125°C, making the part universally suited
for commercial, industrial, and automotive applications.
simplified schematic
IN+
IN−
VBIAS1
Class AB
Control
VCC+
OUT
VCC−
Q1
Q4
Q3
Q2
M3
M4
I4
I3
M7
M8
M8
M6
M5
I2
I1
M2
M1
VBIAS2
IP
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com