Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

38D2 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 38D2
Description  I/O RELAY CARD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38D2 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  38D2 Datasheet HTML 1Page - M-System Co.,Ltd. 38D2 Datasheet HTML 2Page - M-System Co.,Ltd. 38D2 Datasheet HTML 3Page - M-System Co.,Ltd. 38D2 Datasheet HTML 4Page - M-System Co.,Ltd. 38D2 Datasheet HTML 5Page - M-System Co.,Ltd. 38D2 Datasheet HTML 6Page - M-System Co.,Ltd. 38D2 Datasheet HTML 7Page - M-System Co.,Ltd. 38D2 Datasheet HTML 8Page - M-System Co.,Ltd. 38D2 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
38D2
P.  / 9
ES-4564
MODEL & SUFFIX CODE SELECTION
38D2–5
MODEL
INPUT
Drycontactoropencollector
OUTPUT
Relaycontactandvoltage
TEST SWITCH
0
: Non-lockswitch
1
: Lockswitch
ORDERING INFORMATION
Specifycodenumber.(e.g.38D2-51)
RELATED PRODUCTS
•StandardRack(model:38D2-B)
GENERAL SPECIFICATIONS
Construction
:Rackmounted;terminalaccessviascrew
terminalsatthefrontandviaconnectorat
therear
Connection
Input
:
Card-edgeconnector
Relay & voltage output
:M3.5screwterminals
Power input
:Suppliedfromthecard-edgeconnector
Screw terminal material
:Nickel-platedsteel
(torque0.8N·m)
Fuse
:
0.5Aincorporated
Alarm contact
:Drycontactoutputatthealarmoutputter-
minalsoftherackwhenthefuseisblown.
Isolation
:
Inputorpowertooutput
Test switch
AUTO
:
OutputcontactturnsONwithinputcontact
ON.
OFF
:
ForcedoutputOFF
ON
:
ForcedoutputON
LED indicator
:Lightturnsonwhentherelaycoilisener-
gized.
Spark quenching diode
:Closeacrossthejumperpinon
thePCBwithvoltageoutput
INPUT & OUTPUT
INPUT
:
Drycontactoropencollector
Contact detecting
:24VDC@45mA
RELAY CONTACT OUTPUT
:SPDT
Rating
:
120VACor24VDC@5A(resistiveload)
Maximum switching rating
:250VAC@2Aor
125VDC@0.2A(resistiveload)
Relay life
Mechanical
:5
×107cycles
Electrical
: 105cycles(30cycles/min.)
VOLTAGE OUTPUT
:100VACor24VDC±10%
Load current
:0.5Amax.(8Amax.inthetotalof16cards)
INSTALLATION
Power input
: Operationalvoltagerange24VDC±10%,
ripple10%p-pmax.,approx.45mA
Operating temperature
:-5to+55°C(23to131°F)
Operating humidity
:30to90%RH(non-condensing)
Mounting
:
StandardRack38D2-B
Dimensions
: W20
×H99×D177mm(0.79”×3.90”×6.97”)
Weight
:
100g(0.22lbs)
PERFORMANCE
Insulation resistance
:≥100MΩwith500VDC
(inputorpowertooutput)
Dielectric strength
:1000VAC@1minute
(inputorpowertooutput)
2000VAC@1minute(outputtoground)
FRONT VIEW unit: mm (inch)
• Output Relay Card
TEST SW
LED
20(.79)
1 2
3
4 5
2–4.3 (.17) dia. MTG HOLE
M3.5 SCREW
5–M3.5x7 (x.14)
SCREW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com