Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

38D2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 38D2
Description  I/O RELAY CARD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

38D2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  38D2 Datasheet HTML 1Page - M-System Co.,Ltd. 38D2 Datasheet HTML 2Page - M-System Co.,Ltd. 38D2 Datasheet HTML 3Page - M-System Co.,Ltd. 38D2 Datasheet HTML 4Page - M-System Co.,Ltd. 38D2 Datasheet HTML 5Page - M-System Co.,Ltd. 38D2 Datasheet HTML 6Page - M-System Co.,Ltd. 38D2 Datasheet HTML 7Page - M-System Co.,Ltd. 38D2 Datasheet HTML 8Page - M-System Co.,Ltd. 38D2 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
38D2
P.  / 9
ES-4564
EXTERNAL DIMENSIONS unit: mm (inch)
1
465 (18.31)
480 (18.90)
435 (17.13)
RACK MOUNTING
SURFACE MOUNTING
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
1 2 3
15 16
POWER TERMINALS, ETC.
CN2
CN1
CN3
MODEL CODE
38D2
CONNECTOR
-B1
-B2
-BY1
-BY2
-BK2
YokogawaKS2(16chs.)
X
CN1 YokogawaKS9(32chs.)
X
YamatakeJ-RSK
X
CN2 FCN(16/32chs.)
X
X
CN3 FCN(couplingnests)
X
X
X
Couplethe38D-B1withthe38D-B2orBY2inordertohandle32-pointI/O.
CONNECTION DIAGRAM & CONNECTOR PIN ASSIGNMENT
38D2-B1 (FCN connector)
7
6
4
3
2
1
CN2
ALARM
DCS I/O
U(+)
V(–)
POWER
H(+)
N(–)
8 FG
VOLTAGE OUTPUT*
*
Used only in combination with Output Relay Card (model: 38D2-5).
• Connector Pin Assignment
I/OconnectorCN2:FujitsuFCN364P040-AU
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A1
ch.1+
B1
ch.1–
A2
ch.2+
B2
ch.2–
A3
ch.3+
B3
ch.3–
A4
ch.4+
B4
ch.4–
A5
ch.5+
B5
ch.5–
A6
ch.6+
B6
ch.6–
A7
ch.7+
B7
ch.7–
A8
ch.8+
B8
ch.8–
A9
ch.9+
B9
ch.9–
A10
ch.10+
B10
ch.10–
A11
ch.11+
B11
ch.11–
A12
ch.12+
B12
ch.12–
A13
ch.13+
B13
ch.13–
A14
ch.14+
B14
ch.14–
A15
ch.15+
B15
ch.15–
A16
ch.16+
B16
ch.16–
A17–A20,B17–B20:Unused



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com