Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FXLS8964AF Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 28Page - NXP Semiconductors FXLS8964AF Datasheet HTML 29Page - NXP Semiconductors FXLS8964AF Datasheet HTML 30Page - NXP Semiconductors FXLS8964AF Datasheet HTML 31Page - NXP Semiconductors FXLS8964AF Datasheet HTML 32Page - NXP Semiconductors FXLS8964AF Datasheet HTML 33Page - NXP Semiconductors FXLS8964AF Datasheet HTML 34Page - NXP Semiconductors FXLS8964AF Datasheet HTML 35Page - NXP Semiconductors FXLS8964AF Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
32 / 98
Table 17. One-wire motion protocol threshold selections
Selection
Min pulse (µs)
Nom pulse (µs)
Max pulse (µs)
Upper threshold
counts (mg)
Lower threshold
counts (mg)
TPULSE-THRES0
(default)
—
0
—
64 (125)
–64 (–125)
TPULSE-THRES1
562.5
625
883
32 (62)
–32 (–62)
TPULSE-THRES2
1125
1250
1570
96 (187)
–96 (–187)
TPULSE-THRES3
2250
2500
2950
128 (250)
–128 (–250)
Note: Threshold mg values assume the default ±4 g FSR is used (sensitivity of 1.95 mg/
LSB, typical)
Figure 22. BOOT1 sequence (BT_MODE = GND)
Table 18. BOOT1 sequence description (BT_MODE = GND)
Protocol
phase
Description
1
VDD supply is not present (VDD < VDDmin); MCU and FXLS8964AF are both off; all IO pins are floating/high-z.
2
VDD ≥ VDDmin; MCU and FXLS8964AF are turned on; FXLS8964AF performs the BOOT sequence and
provides the BOOT_OUT output pulse for TPULSE-BOOT1 ms.
3
FXLS8964AF enters standby mode directly after the BOOT sequence.
4
When the MCU sends a serial command to set
SENS_CONFIG5[HIBERNATE_EN] bit to 1, FXLS8964AF
enters Hibernate mode. NOTE: The device enters into Hibernate mode 1us (typ) after the SPI_CS_B line is
de-asserted for the corresponding HIBERNATE_EN serial command.
5
To wake up the device from Hibernate mode, the MCU toggles the SPI_CS_B/WAKE UP pin (see TFLT-
WAKE_UP deglitch filter time for transition out of Hibernate mode); FXLS8964AF performs the BOOT sequence
and provides the BOOT_OUT output pulse for TPULSE-BOOT1 ms.
6
FXLS8964AF enters standby mode directly after the BOOT sequence.
7
When the MCU sends a serial command to set
SENS_ CONFIG1[ACTIVE] bit to 1, FXLS8964AF enters
active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com