Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FXLS8964AF Datasheet(PDF) 91 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 87Page - NXP Semiconductors FXLS8964AF Datasheet HTML 88Page - NXP Semiconductors FXLS8964AF Datasheet HTML 89Page - NXP Semiconductors FXLS8964AF Datasheet HTML 90Page - NXP Semiconductors FXLS8964AF Datasheet HTML 91Page - NXP Semiconductors FXLS8964AF Datasheet HTML 92Page - NXP Semiconductors FXLS8964AF Datasheet HTML 93Page - NXP Semiconductors FXLS8964AF Datasheet HTML 94Page - NXP Semiconductors FXLS8964AF Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
91 / 98
16 Revision history
Table 120. Revision history
Document ID
Release date
Data sheet status
Change notice
Supercedes
FXLS8964AF v.2
20201030
Objective data sheet
FXLS8964AF v.1
Modifications
• Global: Changed the document status from "Company Confidential" to public.
• Section 9.4, Table 6, revised the Min, Typ, and Max values for the parameter Self-test output
change."
Section 13, Table 19, revised the default value from "12h" to "13h" for "PROD_REV."
FXLS8964AF v.1
20200514
Objective data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com