Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1124 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJA1124
Description  Quad LIN master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1124 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJA1124 Datasheet HTML 4Page - NXP Semiconductors TJA1124 Datasheet HTML 5Page - NXP Semiconductors TJA1124 Datasheet HTML 6Page - NXP Semiconductors TJA1124 Datasheet HTML 7Page - NXP Semiconductors TJA1124 Datasheet HTML 8Page - NXP Semiconductors TJA1124 Datasheet HTML 9Page - NXP Semiconductors TJA1124 Datasheet HTML 10Page - NXP Semiconductors TJA1124 Datasheet HTML 11Page - NXP Semiconductors TJA1124 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NXP Semiconductors
TJA1124
Quad LIN master transceiver
TJA1124
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 8 May 2018
8 / 23
aaa-029902
twake(dom)LIN
VLINx
Standby
Standby
LIN dominant
VBUSdom
VBUSrec
LIN recessive
ground
HIGH(1)
LOW
RXDx
mode
(1) RXDx HIGH level depends on VIO.
Figure 5. Principle of remote wake-up via LIN bus in Standby mode
6.3.2 Local wake-up via pin SLP
A LOW level on pin SLP lasting at least twake(low)SLP is interpreted as a local wake-up
request.
6.4 Operation during automotive cranking pulses
The TJA1124 remains fully operational during automotive cranking pulses because it is
specified down to VBAT = 5 V.
6.5 Operation when supply voltage is outside specified operating range
If VBAT > 28 V or VBAT < 5 V, the TJA1124 may remain operational, but parameter values
(as specified in Table 5 and Table 6) cannot be guaranteed.
If the voltage on pin BAT drops below the power-off detection threshold, Vth(det)poff, the
TJA1124 switches to Off mode (see Section 6.2.1).
In Normal mode:
• If the input level on pin LINx is recessive, the respective receiver output on pin RXDx
will be HIGH.
• If the input level on pin TXDx is HIGH, the respective LIN transmitter ouput on pin LINx
will be recessive.
6.6 TXD dominant time-out function
Once a transmitter has been enabled, its TXD dominant timeout timer is started every
time the associated TXD pin goes LOW. If the LOW state on TXDx persists for longer
than the TXD dominant timeout time (tto(dom)TXD), the transmitter is disabled, releasing the
bus line to recessive state. The TXD dominant timeout timer is reset when pin TXDx goes
HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com