Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M3LU2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LU2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LU2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M3LU2
M3LU2 SPECIFICATIONS
ES-2653 Rev.8 Page 3/6
http://www.m-system.co.jp/
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -25 to +60°C (-13 to +140°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)
PERFORMANCE
Accuracy: See Table 1.
Cold junction compensation error:
±1.0°C at 0 – 50°C (±1.8°F at 32 – 122°F)
Temp. coefficient:
±0.015 %/°C [±0.008 %/°F] at -5 to +55°C [23 to 131°F] of
max. range
±0.03 %/°C [±0.016 %/°F] for the following conditions:
• DC, T/C input spans ≤ 10 mV
• RTD, potentiometer, resistance spans ≤ 80 Ω
• in an ambient exceeding 55°C [131°F] or below -5°C
[23°F]
Response time: ≤ 0.2 sec. (0 – 90%, DC input)
(With the Option A, the Sync Filter set to the fastest
frequency on the PC Configurator Software. Default is set to
have 0.5-second response.)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
• DC Voltage
1) 0 – 200 mV
Absolute value accuracy (Table 1): 40 μV
40 μV ÷ 200000 μV × 100 = 0.02 % < 0.1 %
➠ Overall accuracy = ±0.1% of span
2) 0 – 4 mV
Absolute value accuracy (Table 1): 10 μV
10 μV ÷ 4000 μV × 100 = 0.25 % > 0.1%
➠ Overall accuracy = ±0.25 % of span
• Thermocouple
1) K thermocouple, -150 – +1370°C
Absolute value accuracy (Table 1): 0.25°C
CJC error (1.0°C) added: 1.25°C
1.25°C ÷ 1520°C × 100 = 0.082 % < 0.1 %
➠ Overall accuracy including CJC error = ±0.1 % of span
2) K thermocouple, 50 – 150°C
Absolute value accuracy (Table 1): 0.25°C
CJC error (1.0°C) added: 1.25°C
1.25°C ÷ (150 – 50)°C × 100 = 1.25 % > 0.1 %
➠ Overall accuracy including CJC error = ±1.25 % of span
• RTD
1) Pt 100, -200 – 800°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ (800 – -200)°C × 100 = 0.015 % < 0.1 %
➠ Overall accuracy = ±0.1 % of span
2) Pt 100, 0 – 100°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ 100°C × 100 = 0.15 % > 0.1 %
➠ Overall accuracy = ±0.15 % of span
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com