Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M3LU2 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M3LU2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU2 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M3LU2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: M3LU2
M3LU2 SPECIFICATIONS
ES-2653 Rev.8 Page 5/6
http://www.m-system.co.jp/
INPUT TYPE, RANGE & ACCURACY
■ INPUT TYPE, RANGE & ACCURACY
TABLE 12
INPUT TYPE
MIN. SPAN
MAXIMUM RANGE
ACCURACY*
1
DC Current
1mA
0 to 20mA
±0.1%
DC Millivolt
4mV
-1000 to +1000mV
±10µV at F.S. input ≤ 50mV
±40µV at F.S. input ≤ 200mV
±60µV at F.S. input ≤ 500mV
±80µV at F.S. input > 500mV
DC Voltage
1V
-10 to +10V
±0.1%
Potentiometer
2%
total resistance 80 to 4000Ω
±0.1Ω
Resistance
10Ω
0 to 4000Ω
±0.1Ω
Thermocouple
°C
°F
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY*
1
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY*
1
(PR)
K (CA)
E (CRC)
20
20
20
0 to 1760
-270 to +1370
-270 to +1000
0 to 1760
-150 to +1370
-170 to +1000
±1.00
±0.25
±0.20
36
36
36
32 to 3200
-454 to +2498
-454 to +1832
32 to 3200
-238 to +2498
-274 to +1832
±1.80
±0.45
±0.36
J (IC)
T (CC)
B (RH)
20
20
20
-210 to +1200
-270 to +400
100 to 1820
-180 to +1200
-170 to +400
400 to 1760
±0.25
±0.25
±0.75
36
36
36
-346 to +2192
-454 to +752
212 to 3308
-292 to +2192
-274 to +752
752 to 3200
±0.45
±0.45
±1.35
R
S
C (WRe 5-26)
20
20
20
-50 to +1760
-50 to +1760
0 to 2315
200 to 1760
0 to 1760
0 to 2315
±0.50
±0.50
±0.25
36
36
36
-58 to +3200
-58 to +3200
32 to 4199
392 to 3200
32 to 3200
32 to 4199
±0.90
±0.90
±0.45
N
U
L
P (Platinel II)
20
20
20
20
-270 to +1300
-200 to +600
-200 to +900
0 to 1395
-130 to +1300
-200 to +600
-200 to +900
0 to 1395
±0.30
±0.20
±0.25
±0.25
36
36
36
36
-454 to +2372
-328 to +1112
-328 to +1652
32 to 2543
-202 to +2372
-328 to +1112
-328 to +1652
32 to 2543
±0.54
±0.36
±0.45
±0.45
RTD
°C
°F
MIN.SPAN
MAXIMUM RANGE
ACCURACY*
1
MIN.SPAN
MAXIMUM RANGE
ACCURACY*
1
Pt 100 (JIS ’97, IEC)
Pt 200
Pt 300
20
20
20
-200 to +850
-200 to +850
-200 to +850
±0.15
±0.15
±0.15
36
36
36
-328 to +1562
-328 to +1562
-328 to +1562
±0.27
±0.27
±0.27
Pt 400
Pt 500
Pt 1000
20
20
20
-200 to +850
-200 to +850
-200 to +850
±0.15
±0.15
±0.15
36
36
36
-328 to +1562
-328 to +1562
-328 to +1562
±0.27
±0.27
±0.27
Pt 50Ω (JIS ’81)
JPt 100 (JIS ’89)
Ni 100
20
20
20
-200 to +649
-200 to +510
-80 to +260
±0.15
±0.15
±0.15
36
36
36
-328 to +1200
-328 to +950
-112 to +500
±0.27
±0.27
±0.27
Ni 120
Ni 508.4Ω
Ni-Fe 604
Cu 10 @25°C
20
20
20
20
-80 to +260
-50 to +200
-200 to +200
-50 to +250
±0.15
±0.15
±0.15
±0.50
36
36
36
36
-112 to +500
-58 to +392
-328 to +392
-58 to +482
±0.27
±0.27
±0.27
±0.90
*1. DC, RTD, Resistance, Potentiometer input: Or ±0.1% of span, whichever is greater.
Thermocouple input: [Accuracy + Cold Junction Compensation Error 1.0°C (1.8°F)] or ±0.1% of span, whichever is greater.
For current output, overall accuracy degrades another 0.1% with spans ≤ 2mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com