Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FR207W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FR207W
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FR207W Datasheet(HTML) 1 Page - Rectron Semiconductor

  FR207W Datasheet HTML 1Page - Rectron Semiconductor FR207W Datasheet HTML 2Page - Rectron Semiconductor FR207W Datasheet HTML 3Page - Rectron Semiconductor FR207W Datasheet HTML 4Page - Rectron Semiconductor FR207W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANG 50 to1000 Volts CURRENT 2.0 Ampere
FR201W
THRU
FR207W
2017-05
REV:O18
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
*For surface mounted applications
* Low profile package
* Glass Passivated Chip Junction
* Ideal for automated placement
* Fast reverse recovery time
* Case:
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance junction to terminal, 5X5mm2 copper pads to each terminal.
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
100
@TA = 25
oC
@TA = 125
oC
1.3
uAmps
UNITS
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75 C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Reverse Recovery Time
SYMBOL
VRRM
VDC
IFSM
(Note 2)
R
θJA
TJ,TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
50
150
90
Amps
nS
pF
Operating and Storage Temperature Range
IO
40
0
C/ W
Typical Junction Capacitance (Note 1)
CJ
FR201W FR202W FR203W FR204W FR205W FR206W FR207W
50
200
600
1000
100
-55 to +150
0
C
400
800
50
200
600
1000
100
400
800
35
140
420
700
70
280
560
o
I
2T
A
2S
10.37
Typical Current Squared Time
FR201W FR202W FR203W FR204W FR205W FR206W FR207W
Typical Thermaesistance
Trr
250
500
3. Reverse Recovery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
(Note 3)
SOD-123F(L)
PPIIN
NN
NIIN
NG
G
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code:
F7
Simplified outline SOD-123F
and symbol
1
2
Weight 17mg 0.0006 oz
SF
(L)
2F1
2
-
1
12


Similar Part No. - FR207W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR207 WTE-FR207 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR207 RECTRON-FR207 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207 JGD-FR207 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR207 BYTES-FR207 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR207 DCCOM-FR207 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR207W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com