Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FR207W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FR207W
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FR207W Datasheet(HTML) 2 Page - Rectron Semiconductor

  FR207W Datasheet HTML 1Page - Rectron Semiconductor FR207W Datasheet HTML 2Page - Rectron Semiconductor FR207W Datasheet HTML 3Page - Rectron Semiconductor FR207W Datasheet HTML 4Page - Rectron Semiconductor FR207W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10
20
30
40
50
60
00
10
100
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
0.5
1.0
1.5
2.0
2.5
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
C
pulse with 300
μs
1% duty cycle
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
C
T=25
J
C
25
50
75
100
125
150
175
Ambient Temperature ( C)
Single phase half-wave 60 Hz
resistive or inductive load
0.5
1.0
1.5
2.0
2.5
0.0
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T=25
J
C
200
RATING AND CHARACTERISTICS CURVES (FR201W THRU FR207W)
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2
REVERSE
CHARACTERISTICS
MAXIMUM
F
FIG.3
INSTANTANEOUS FORWARD
CHARACTERISTICS
MAXIMUM
FIG.4 TYPICAL DIODE
DIODE CAPACITANCE
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com