Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDCE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LDCE
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LDCE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LDCE Datasheet HTML 1Page - M-System Co.,Ltd. LDCE Datasheet HTML 2Page - M-System Co.,Ltd. LDCE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LDCE
http://www.m-system.co.jp/
LDCE SPECIFICATIONS
ES-1967 Rev.2 Page 1/3
Power Transducer Series L-UNIT
CT TRANSDUCER
(super-miniature size; self-powered; RMS sensing)
Functions & Features
• Converting an alternating current from a current
transformer into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
60
(2.36)
44 (1.73)
46
(1.81)
mm (inch)
MODEL: LDCE–[1][2][3]
ORDERING INFORMATION
• Code number: LDCE–[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. LDCE-55/D/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
1: 0 – 1 A AC (used within 0.1 – 1 A)
5: 0 – 5 A AC (used within 0.5 – 5 A)
[2] OUTPUT
Current
G: 0 – 1 mA DC (Load resistance 5000 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 2000 Ω min.)
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
[3] OPTIONS (multiple selections)
Mounting
blank: Surface
/D: DIN rail
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Nickel-plated brass (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 10 – 120 % at 0 – 5 V
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 2 VA
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
Operational range: 10 – 120 % of rating
OUTPUT SPECIFICATIONS
■ OPERATION DIAGRAM
50
100
IN %
0
50
OUT %
100
10
0
Note: The described accuracy is not assured within 0 – 10%
of the rating, though output signal exists.


Similar Part No. - LDCE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LDC LITTELFUSE-LDC Datasheet
476Kb / 2P
CLASS L-LDC SERIES FUSES
LDC LITTELFUSE-LDC Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
100W Output Power
LDC-100-1650x MPD-LDC-100-1650x Datasheet
1Mb / 4P
100W Output Power
LDC-100-1960x MPD-LDC-100-1960x Datasheet
1Mb / 4P
100W Output Power
More results

Similar Description - LDCE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com