Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDCE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LDCE
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LDCE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LDCE Datasheet HTML 1Page - M-System Co.,Ltd. LDCE Datasheet HTML 2Page - M-System Co.,Ltd. LDCE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LDCE
http://www.m-system.co.jp/
LDCE SPECIFICATIONS
ES-1967 Rev.2 Page 2/3
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb) for surface mounting
170 g (0.37 lb) for DIN rail mounting
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F,
45 – 65 Hz)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 1 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)
CONNECTION DIAGRAM
+
OUTPUT
3
4
LOAD
SOURCE
k
l
CT
L
K
1
2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
2
1
4
3
60 (2.36)
72 (2.83)
80 (3.15)
9 (.35)
4–M4
SCREW
2–2.5 (.10) rad.
2
1
4
3
26 (1.02)
60 (2.36)
80 (3.15)
9 (.35)
4–M4
SCREW
SPAN ADJ.
■ SURFACE MOUNTING
■ DIN RAIL MOUNTING
SPAN ADJ.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com