Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX17536ATP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 5Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 6Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 7Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 8Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 9Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 10Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
(VIN = VEN/UVLO = 24V, VPGND = VSGND = 0V, CVIN = 2 x 2.2µF, CVCC = 2.2µF, CBST = 0.1µF, CSS=22,000pF,RT=MODE/SYNC=
open, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA=+25°C.AllvoltagesarereferencedtoSGND,unless
otherwise noted.)
FREQUENCY (Hz)
5V OUTPUT, 4A LOAD CURRENT,
BODE PLOT, FIGURE 3 CIRCUIT
10k
PHASE
-30
GAIN
CROSSOVER FREQUENCY = 53.2kHz
PHASE MARGIN = 64.3°
200k
toc32
100k
300k
-20
-200
-150
-10
0
10
20
-100
-50
0
50
100
FREQUENCY (Hz)
3.3V OUTPUT, 4A LOAD CURRENT,
BODE PLOT, FIGURE 4 CIRCUIT
10k
PHASE
-30
GAIN
CROSSOVER FREQUENCY = 57.8kHz
PHASE MARGIN = 60°
200k
toc33
100k
300k
-20
-100
-10
0
10
20
-50
0
50
100
1A/div
200
µs/div
VOUT
(AC)
100mV/div
5V OUTPUT, DCM MODE
(LOAD CURRENT STEPPED FROM 50mA TO 2A)
FIGURE 3 CIRCUIT
toc28
IOUT
2A/div
20ms/div
VOUT
2V/div
OVERLOAD PROTECTION
5V OUTPUT, FIGURE 3 CIRCUIT
IOUT
toc30
1A/div
200
μs/div
VOUT
(AC)
100mV/div
3.3V OUTPUT, DCM MODE
(LOAD CURRENT STEPPED FROM 50mA TO 2A)
FIGURE 4 CIRCUIT
toc29
IOUT
2V/div
2
μs/div
VLX
10V/div
APPLICATION OF EXTERNAL CLOCK AT 600kHz,
5V OUTPUT, FIGURE 3 CIRCUIT
VSYNC
toc31
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
Maxim Integrated │ 9
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com