Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX17536ATP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17536ATP
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536ATP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17536ATP Datasheet HTML 6Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 7Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 8Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 9Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 10Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 11Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 12Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 13Page - Maxim Integrated Products MAX17536ATP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PIN
NAME
FUNCTION
1, 2, 14,15
VIN
Power-Supply Input. 4.5V to 60V input supply range. Connect the VINpinstogether.DecoupletoPGND
with two 2.2µF capacitors; place the capacitors close to the VINandPGNDpins.RefertotheMAX17536
evaluation kit data sheet for a layout example.
3
PGND
PowerGround.ConnectthePGNDpinexternallytothepower-groundplane.ConnecttheSGNDand
PGNDpinstogetheratthegroundreturnpathoftheVCCbypasscapacitor.RefertotheMAX17536
Evaluation kit data sheet for a layout example.
4
VCC
5VLDOOutput.BypassVCCwitha2.2µFceramiccapacitancetoSGND.
5
MODE/
SYNC
MODE/SYNCconfigurestheMAX17536tooperateinPWM,PFM,orDCMmodesofoperation.Leave
MODE/SYNC unconnected for PFM operation (pulse skipping at light loads). Connect MODE/SYNC
toSGNDforconstant-frequencyPWMoperationatallloads.ConnectMODE/SYNCtoVCC for DCM
operation.Thedevicecanbesynchronizedtoanexternalclockusingthispin.SeetheMode Selection
section and the External Frequency Synchronization section for more details.
6
RESET
Open-Drain RESET Output. The RESET output is driven low if FB drops below 92.2% of its set value.
RESET
goes high 1024 clock cycles after FB rises above 95.6% of its set value.
7
RT
ProgrammableSwitchingFrequencyInput.ConnectaresistorfromRTtoSGNDtosettheregulator’s
switchingfrequency.LeaveRTopenforthedefault450kHzfrequency.SeetheSetting the Switching
Frequency (RT) section for more details.
8
SGND
AnalogGround
9
CF
Atswitchingfrequencieslowerthan450kHz,connectacapacitorfromCFtoFB.LeaveCFopenifthe
switchingfrequencyisequaltoormorethan450kHz.SeetheLoop Compensation section for more details.
10
FB
FeedbackInput.ConnectFBtothecentertapofanexternalresistor-dividerfromtheoutputtoSGNDto
set the output voltage. See the Adjusting Output Voltage section for more details.
11
EXTVCC
ExternalPower-SupplyInputfortheBootstrapInternalLDO.Applyingavoltagebetween4.84Vand24V
at the EXTVCC pin draws power for the control circuits and driver from the output by bypassing the VCC
internalLDOandimprovesefficiency.ConnectEXTVCCtotheBuckregulatoroutputcapacitorusingan
R-Cfilter(4.7Ω,0.1μF).BypasstheEXTVCCpintoSGND(seeFigure3).ConnecttheEXTVCCpinto
SGNDwhenthepinisnotbeingused.
MAX17536
TQFN
5mm x 5mm
TOP VIEW
EP
+
LX
LX
DL
CF
SGND
RT
RESET
LX
FB
BST
10
9
8
7
6
11
12
13
14
15
16
17
18
19
20
5
4
3
2
1
Maxim Integrated │ 10
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Pin Description
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com