Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDC7 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDC7
Description  DC POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDC7 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDC7 Datasheet HTML 1Page - M-System Co.,Ltd. MDC7 Datasheet HTML 2Page - M-System Co.,Ltd. MDC7 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MDC7
MDC7 SPECIFICATIONS
ES-9289 Rev.6 Page 3/3
https://www.m-system.co.jp/
CONNECTION DIAGRAM
L
N
G
V+
V+
OUTPUT VOLTAGE
24V DC
V–
V–
POWER INPUT
100 – 240V AC
ALARM OUTPUT
ALARM OUTPUT
ALARM OUTPUT COM
*1
*2
*1. Undervoltage alarm output terminal (DC LOW)
*2. Maintenance forecast monitor terminal (Yrs)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com