Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDC7 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDC7
Description  DC POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDC7 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDC7 Datasheet HTML 1Page - M-System Co.,Ltd. MDC7 Datasheet HTML 2Page - M-System Co.,Ltd. MDC7 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDC7
MDC7 SPECIFICATIONS
ES-9289 Rev.6 Page 2/3
https://www.m-system.co.jp/
EXTERNAL VIEW
Alarm Output
Terminal
Down Key
Up Key
Main Display Unit
Power Input Terminal (L, N)
Protective Earth Terminal
(PE)
Operation Display Unit
Mode Key
Output Indicator
(DC ON: green)
Output Voltage Adjuster
(V. ADJ)
DC Output Terminal (–V, +V)
EXTERNAL DIMENSIONS unit: mm [inch]
100 [3.94]
126 [4.96]
5–M4 SCREW
DIN RAIL
35mm wide
(3.3 [.13])
MOUNTING REQUIREMENTS unit: mm [inch]
20 [.79]
min.
AIR CIRCULATION
Heat dissipation is important to ensure the power supply’s long-term
reliability.
The power supply is designed to radiate heat by means of natural air
flow. Install the power supply so that the air flow circulates around it.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com