Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ITAXXB1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ITAXXB1
Description  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITAXXB1 Datasheet(HTML) 2 Page - STMicroelectronics

  ITAXXB1 Datasheet HTML 1Page - STMicroelectronics ITAXXB1 Datasheet HTML 2Page - STMicroelectronics ITAXXB1 Datasheet HTML 3Page - STMicroelectronics ITAXXB1 Datasheet HTML 4Page - STMicroelectronics ITAXXB1 Datasheet HTML 5Page - STMicroelectronics ITAXXB1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ITAxxB1
2/6
Table 2: Absolute Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20µs) (see note 1)
Tj initial = Tamb
300
W
IPP
Peak pulse current (8/20µs) (see note 1)
Tj initial = Tamb
40
A
I2tWire I2t value (see note 1)
0.6
A2s
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for case
260
°C
Note 1: For surges greater than the specified maximum value, the I/O will first present a short-circuit and after an open circuit caused by
the wire melting.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Part Number
VBR
@ IR
IRM @ VRM
VCL @ IPP
VCL @ IPP
αTC
min.
max.
8/20µs
max.
8/20µs
max.
max.
note 2
note 2
note 2
note 3
V
mA
µA
V
VA
VA
10-4/°C
pF
ITA6V5B1
6.5
1
10
5
10
10
12
25
4
750
ITA10B1
10
1
4
8
15
10
19
25
8
570
ITA18B1
18
1
4
15251028
25
9
350
ITA25B1
25
1
4
24331038
2512
300
Note 2: Between I/O pin and ground.
Note 3: Between two input pins at 0V Bias, F = 1 MHz.
VBR
VCL
VRM
IRM
IPP
I
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com