Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ITAXXB1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ITAXXB1
Description  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITAXXB1 Datasheet(HTML) 4 Page - STMicroelectronics

  ITAXXB1 Datasheet HTML 1Page - STMicroelectronics ITAXXB1 Datasheet HTML 2Page - STMicroelectronics ITAXXB1 Datasheet HTML 3Page - STMicroelectronics ITAXXB1 Datasheet HTML 4Page - STMicroelectronics ITAXXB1 Datasheet HTML 5Page - STMicroelectronics ITAXXB1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ITAxxB1
4/6
This monolithic Transil Array is based on 6 unidirectional Transils with a common cathode and can be con-
figurated to offer up to 5 bidirectional functions. This imposes a maximum differential voltage between 2
input pins (see table 4).
Table 4: Application information
Figure 8: RS-232 junction (typical application)
Figure 9: Ordering Information Scheme
Types
Maximum differential voltage between two input pins at 25°C
ITA6V5B1
+ / - 3.5 v
ITA10B1
+ / - 5.0 v
ITA18B1
+ / - 9.0 v
ITA25B1
+ / - 12.5 v
GND
CTS
RTS
TX
RX
ITA
25
B
1
RL
Integrated Transil Array
Breakdown Voltage (min)
Type of lines protected
Package
Packaging
25 = 25 Volt
B = Bidirectional
1 = SO-8
RL = Tape & reel
Blank = Tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com