Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK210 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK210
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK210 Datasheet HTML 1Page - NXP Semiconductors PCK210 Datasheet HTML 2Page - NXP Semiconductors PCK210 Datasheet HTML 3Page - NXP Semiconductors PCK210 Datasheet HTML 4Page - NXP Semiconductors PCK210 Datasheet HTML 5Page - NXP Semiconductors PCK210 Datasheet HTML 6Page - NXP Semiconductors PCK210 Datasheet HTML 7Page - NXP Semiconductors PCK210 Datasheet HTML 8Page - NXP Semiconductors PCK210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
Product data
Supersedes data of 2002 Dec 13
2004 Apr 23
INTEGRATED CIRCUITS


Similar Part No. - PCK210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000DL PHILIPS-PCK2000DL Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2000MDB PHILIPS-PCK2000MDB Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
More results

Similar Description - PCK210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com