Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD70NH02L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD70NH02L
Description  N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD70NH02L Datasheet(HTML) 1 Page - STMicroelectronics

  STD70NH02L Datasheet HTML 1Page - STMicroelectronics STD70NH02L Datasheet HTML 2Page - STMicroelectronics STD70NH02L Datasheet HTML 3Page - STMicroelectronics STD70NH02L Datasheet HTML 4Page - STMicroelectronics STD70NH02L Datasheet HTML 5Page - STMicroelectronics STD70NH02L Datasheet HTML 6Page - STMicroelectronics STD70NH02L Datasheet HTML 7Page - STMicroelectronics STD70NH02L Datasheet HTML 8Page - STMicroelectronics STD70NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 5
1/16
16
STD70NH02L
STD70NH02L-1
N-channel 24V - 0.0062
Ω - 60A - DPAK/IPAK
STripFET™ II Power MOSFET
General features
RDS(ON) * Qg industry’s benchmark
Conduction losses reduced
Switching losses reduced
Low threshold device
Description
The device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
This is suitable for the most demanding DC-DC
converter application where high efficiency is to
be achieved.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD70NH02L-1
24V
<0.008
60A(1)
1.
Value limited by wire bonding
STD70NH02L
24V
<0.008
60A(1)
DPAK
1
3
3
2
1
IPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD70NH02LT4
D70NH02L
DPAK
Tape & reel
STD70NH02L-1
D70NH02L
IPAK
Tube


Similar Part No. - STD70NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
376Kb / 17P
N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
25-Oct-2007
logo
VBsemi Electronics Co.,...
STD70N02L VBSEMI-STD70N02L Datasheet
902Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
STMicroelectronics
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
376Kb / 17P
N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
25-Oct-2007
More results

Similar Description - STD70NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Sep-2003
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
03-Aug-2006
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
08-Aug-2006
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com