Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R3-NML3-L3/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-NML3-L3/CE
Description  Remote I/O R3 Series MECHATROLINK INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NML3-L3/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-NML3-L3/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R3-NML3
R3-NML3 SPECIFICATIONS
ES-8336 Rev.6 Page 3/5
https://www.m-system.co.jp/
EXTERNAL VIEW
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
ON
8
7
6
5
4
3
2
1
SW1
1
2
3
4
5
6
RUN LED
■ FRONT VIEW
■ SIDE VIEW
ERR LED
MECHATROLINK - III
LINK 1 Connector
Configuration Jack
Functions
Station No.
Rotary SW (x10)
Station No.
Rotary SW (x1)
LNK1
LNK2
LNK1
LNK2
MECHATROLINK - III
LINK 2 Connector
LNK 1 LED
LNK 2 LED
SA1
SA2
E
D
C
B
E
D
C
B
MECHATROLINK RELATED COMMANDS
Commands available with this unit are the following.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O pro le
DATA_RWA
20H
Transmit I/O data
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ ANALOG DATA (16-bit data, models: R3-SV4, YV4, DS4, YS4, US4, etc.)
0
15
16-bit binary data.
Basically, 0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
-15 to 0 % is a negative range represented in 2’s complement.
In case of R3-US4, -10 to 0% is a negative range represented in 2's complement.
■ TEMPERATURE DATA (16-bit data, models: R3-RS4, TS4, US4, etc.)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com