Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R3-NML3-L3/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NML3-L3/CE
Description  Remote I/O R3 Series MECHATROLINK INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NML3-L3/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NML3-L3/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-NML3-L3/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-NML3
R3-NML3 SPECIFICATIONS
ES-8336 Rev.6 Page 2/5
https://www.m-system.co.jp/
Max. number of slaves: 62
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Input output data length: 16/32/48/64 byte (Function
selected with DIP SW on side panel)
12(16 byte setting)
28(32 byte setting)
44(48 byte setting)
60(64 byte setting)
Station address: 03H - EFH
(Function selected with Rotary SW)
Available communication mode:
Cyclic communication mode: For cyclic communication and
message communication
Event-driven communication mode: For Event-driven
communication
Other slaves monitoring: Not supported
LNK 1 LED: ON at normal communication
LNK 2 LED: ON at normal communication
INSTALLATION
Power consumption
•AC:
Approx. 25 VA at 100 V
Approx. 30 VA at 200 V
•DC: Approx. 15 W
Current consumption (no power supply): 110 mA
Output current (power supply): 250 mA continuous at 20 V
DC; 400 mA for 10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (MECHATROLINK
to internal bus or internal power to power input to RUN
output to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com