Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ABC40 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC40
Description  4 x 2 x 1.2 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC40_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ABC40 Series
tech.support@psbel.com
1.
MODEL SELECTION
MODEL
1
VOLTAGE
MAX LOAD
2
MIN LOAD
3
RIPPLE
4
POWER
ABC40-1005G
5.1 V
8.0 A
0.0 A
1%
40 W
ABC40-1012G
12 V
3.5 A
0.0 A
1%
40 W
ABC40-1015G
15 V
2.7 A
0.0 A
1%
40 W
ABC40-1024G
24 V
1.7 A
0.0 A
1%
40 W
ABC40-1048G
48 V
0.83 A
0.0 A
1%
40 W
ABC40-3000G
V1 = 5.2 V
6.0 A
0.5 A
1.5%
40 W
V2 = 12.5 V
2.0 A
0.1 A
1%
V3 = -12.8 V
0.5 A
0.0 A
1%
ABC40-3001G
V1 = 5.2 V
6.0 A
0.5 A
1.5%
40 W
V2 = 24 V
1.0 A
0.1 A
1%
V3 = -12.8 V
0.5 A
0.0 A
1%
ABC40-3002G
V1 = 5.2 V
6.0 A
0.5 A
1.5%
40 W
V2 = 15 V
1.5 A
0.1 A
1%
V3 = -15 V
0.5 A
0.0 A
1%
ABC40-3003G
V1 = 3.3 V
6.0 A
1.0 A
1.5%
40 W
V2 = 5 V
3.0 A
0.1 A
1.5%
V3 = -12.8 V
0.5 A
0.0 A
1%
COVER-40-XBC
5
Metal cover kit accessory
1
Class II version available. Add suffix “-2” at the end of the Model Number
2
Maximum current per output channel. Do not exceed total output power rating.
3
Min Load specified to meet cross regulation.
4
Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Electrolytic capacitor) in parallel with a 0.1 µF capacitor at rated line
voltage and load ranges.
5
When used in Cover Kit, de-rate output power to 70 % under all operating conditions.
2.
INPUT SPECIFICATIONS
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
90 - 264 VAC
Input Frequency
6
47 to 400 Hz
Input Current
120 VAC:
230 VAC:
0.85 A max.
0.45 A max.
No Load Power
Single output models
Multi output models
< 0.3 W
< 0.5 W
Inrush Current
120 VAC:
230 VAC:
30 A max.
60 A max.
Leakage Current
120 VAC:
230 VAC:
< 500 µA
<1000 µA
Switching Frequency
Typical
67
67 kHz
6
Safety approved: 47 to 63 Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com