Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ABC40 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC40
Description  4 x 2 x 1.2 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC40_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC40_V01 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The ABC40 Series of open-frame power supplies, with its wide
universal 90 – 264 VAC input range and high power density, is
available at 40 W of output power and a variety of single and multiple
output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
Key Features & Benefits
4 x 2 x 1.2 Inch Form Factor
40 W convection-cooled rating
Single to Triple Outputs
High Efficiency > 85%
Low conducted and radiated noise
No Load Power < 0.3 W
IEC / EN / UL 62368-1 compliant
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
RoHS Compliant
Cover Kit Accessory Available
Applications
Lighting
Industrial Processing
Applied Computing
Instrumentation
Automation Controls
Robotics
Wireless Communication
Test and Measurement


Similar Part No. - ABC40_V01

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40-1005G POWER-ONE-ABC40-1005G Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40-1005G BEL-ABC40-1005G Datasheet
660Kb / 5P
RoHS Compliant
logo
Power-One
ABC40-1012G POWER-ONE-ABC40-1012G Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40-1012G BEL-ABC40-1012G Datasheet
660Kb / 5P
RoHS Compliant
logo
Power-One
ABC40-1015G POWER-ONE-ABC40-1015G Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
More results

Similar Description - ABC40_V01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC180-1T12L BEL-ABC180-1T12L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC180-1T12L BEL-MBC180-1T12L Datasheet
1Mb / 7P
4 x 2 x 0.75 Inches Form factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
MBC180 BEL-MBC180 Datasheet
896Kb / 7P
4 x 2 x 0.75 Inches Form factor
ABC60 BEL-ABC60_V01 Datasheet
681Kb / 7P
4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
4 x 2 x 1.3 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com