Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118060 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 2118060
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118060 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 2118060 Datasheet HTML 4Page - TE Connectivity Ltd 2118060 Datasheet HTML 5Page - TE Connectivity Ltd 2118060 Datasheet HTML 6Page - TE Connectivity Ltd 2118060 Datasheet HTML 7Page - TE Connectivity Ltd 2118060 Datasheet HTML 8Page - TE Connectivity Ltd 2118060 Datasheet HTML 9Page - TE Connectivity Ltd 2118060 Datasheet HTML 10Page - TE Connectivity Ltd 2118060 Datasheet HTML 11Page - TE Connectivity Ltd 2118060 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Cellular, NB-IoT, CAT-M, 2G-5G (continued)
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 8
TE Part
Number
Product Image
Frequency
Band (MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
1513273-1
824 - 960
1710 - 1990
3G, 2G, ISM
Tab mount
(Through-hole)
<3:1
2
37.59
15.11
1.57
• On board PCB
1513247-1
824 - 894
1850 - 1990
3G, 2G, ISM
Tab mount
(Through-hole)
<3:1
Refer to
data sheet
38.1
15.24
1.63
• On board PCB
1513169-1
824 - 894
2G, ISM
Tab mount
(Through-hole)
<2.5:1
2
38.1
15.24
1.57
• On board PCB
1513381-1
3100 - 6000
5G
Chassis mount
<3:1
2
29
12
10
• Embedded
• Cable lengths: 365 mm or custom
• Mating connector type: MHF
2195729-1/-2
617 - 960
1427 - 1661
1710 - 2170
2500 - 2690
3300 - 4200
4400 - 5000
5150 - 5925
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS world
band
Terminal mount
Refer to
data sheet
Refer to
data sheet
135.7
20.1
-
• Terminal dipole
• -1 = black, -2 = white
• Mating connector type: SMA
2195773-1
698 - 960
1710 - 2700
4G, 3G, 2G,
Wi-Fi
Terminal mount <3:1
Refer to
data sheet
115.5
17.75
-
• Terminal monopole
• Mating connector type: SMA
2195736-1
700 - 2700
4G, 3G, 2G
Terminal mount < 2.5:1
2.5
157
17.7
-
• Terminal dipole
• Mating connector type: SMA
2195632-1
880 - 960
1710 - 2330
3G, 2G
Terminal mount <3:1
2.5
47
7.8
-
• Terminal dipole
• Mating connector type: SMA
2195771-1
698 - 960
1710 - 2700
3400 - 3800
5G, 4G, 3G, 2G,
Wi-Fi
External mount < 2.0:1
Refer to
data sheet
90
185.5
90
• External DAS dipole
• Ceiling/Support mount
• Cable lengths: 320 mm or custom
• Mating connector type: N female
(mounting clinch nuts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com