Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118060 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 2118060
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118060 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 2118060 Datasheet HTML 8Page - TE Connectivity Ltd 2118060 Datasheet HTML 9Page - TE Connectivity Ltd 2118060 Datasheet HTML 10Page - TE Connectivity Ltd 2118060 Datasheet HTML 11Page - TE Connectivity Ltd 2118060 Datasheet HTML 12Page - TE Connectivity Ltd 2118060 Datasheet HTML 13Page - TE Connectivity Ltd 2118060 Datasheet HTML 14Page - TE Connectivity Ltd 2118060 Datasheet HTML 15Page - TE Connectivity Ltd 2118060 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISM, LPWAN
mmWave
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 12
TE Part
Number
Product Image
Frequency
Band (MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2195835 -1/
-2/ -3
868 / 915
ISM
Adhesive mount
Refer to
data sheet
Refer to
data sheet
38
9
0.14
• Embedded FPC
• Cable length can be customized
• Mating connector types: MHF4 (MHF and
SMA available on request)
2195835 -4/
-5/ -6
868 / 915
ISM
Adhesive mount
Refer to
data sheet
Refer to
data sheet
38
9
0.14
• Embedded FPC
• Cable length can be customized
• Mating connector types: MHF4 (MHF and
SMA available on request)
1513156-1/ -2
915
ISM
Surface mount
<2.5:1
1
38.1
6.6
1.57
• On board PCB
• Packaging
-1: T&R packaged
-2: Bulk packaged
1513168-1
915
ISM
Tab mount
(Through-hole)
2
0
38.1
15.24
1.57
• On board PCB
2118898-1/ -2
915
2.4 GHz
ISM, Wi-Fi,
Bluetooth,
ZigBee
Adhesive mount 2
2.3
140
20
0.25
• Embedded flexible PCB
• Cable lengths: 185, 255 mm, or custom
• Mating connector type: MMCX
2108991-1
698 - 960
IoT, LPWAN,
ISM
Surface Mount
<2:1
Refer to
data sheet
18
9
1.57
• On board PCB
• Packaging
-1: Bulk packaged
-2: T&R packaged
1513317-1
824 - 960
1710 - 2170
3G, 2G, ISM,
NB-IoT,
Cat-M
Tab mount
(Through-hole)
<2.5:1
2
49.9
20.27
1.58
• On board PCB
2108788-1
824 - 960
1710 - 1990
3G, 2G, ISM
Surface mount
<3:1
1
37.59
11.94
1.57
• On board PCB
• Packaging
-1: Bulk packaged
-2: T&R packaged
1513273-1
824 - 960
1710 - 1990
3G, 2G, ISM
Tab mount
(Through-hole)
<3:1
2
37.59
15.11
1.57
• On board PCB
1513247-1
824 - 870
1850 - 1990
3G, 2G, ISM
Tab mount
(Through-hole)
<3:1
Refer to
data sheet
38.1
15.24
1.63
• On board PCB
1513169-1
824 - 894
2G, ISM
Tab mount
(Through-hole)
<2.5:1
2
38.1
15.24
1.57
• On board PCB
2195775-1
433
ISM,
Cellular IoT
Terminal mount <2.0:1
1
51
9.4
-
• Terminal monopole
• Mating connector type: SMA
2195773-1
698 - 960
1710 - 2700
ISM, 4G, 3G,
2G, Wi-Fi
Terminal mount <3:1
Refer to
data sheet
115.5
17.75
-
• Terminal monopole
• Mating connector type: SMA
TE Part
Number
Product Image
Frequency
Band (GHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2108728-1
24 - 44
5G
mm Wave
Screw mount
Refer to
data sheet
Refer to
data sheet
35
35
64
• Mating components
1) Cable assembly: 1-2016661-0 (2.4 mm
male straight double end)
2) Adapter: 2081552-1 (2.4 mm plug to
1.85 mm jack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com