Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADF5355 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices ADF5355 Datasheet HTML 12Page - Analog Devices ADF5355 Datasheet HTML 13Page - Analog Devices ADF5355 Datasheet HTML 14Page - Analog Devices ADF5355 Datasheet HTML 15Page - Analog Devices ADF5355 Datasheet HTML 16Page - Analog Devices ADF5355 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC5594
13
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
Gain Error Distribution vs
Temperature (TC)
Phase Error Distribution vs
Temperature (TC)
Image Rejection Distribution vs
Temperature (TC)
–0.20 –0.15 –0.10 –0.05
0
0.05
0.10
100
80
60
40
20
0
GAIN ERROR (dB)
–40°C
25°C
85°C
105°C
fRF = 2GHz
5594 G55
–0.5
0
0.5
1
1.5
2
100
80
60
40
20
0
PHASE ERROR (DEGREE)
–40°C
25°C
85°C
105°C
fRF = 2GHz
5594 G56
–50 –48 –46 –44 –42 –40 –38 –36 –34
100
80
60
40
20
0
-IMAGE REJECTION (dB)
–40°C
25°C
85°C
105°C
fRF = 2GHz
5594 G57
PIN FUNCTIONS
TEMP (Pin 2): Temperature Monitoring Diode. The diode
to ground at this pin can be used to measure the die
temperature. A forward bias current of 100µA can be
used into this pin and the forward voltage drop can be
measured as a function of die temperature.
RF (Pin 4): 50Ω RF Input. The pin should be DC-blocked
with a coupling capacitor; 1000pF is recommended.
VCM (Pin 6): IF Amplifier Common Mode Output Voltage
Adjust. Source resistance should be 1k or lower. If this
pin is left unconnected, it will internally self-bias to 0.9V.
EN (Pin 7): Enable Pin. A logic high on this pin will enable
the chip. An internal 200k pull-down resistor ensures the
chip remains disabled if there is no connection to the pin
(open-circuit condition).
MQP, MQM, MIM, MIP (Pins 9, 10, 31, 32): Mixer Dif-
ferential Output Pins. When connected to the amplifier
input pins, the DC bias point is VCC – 1.4V for each pin.
A lowpass filter is typically used between the MQM(P) or
MIM(P) pins and the AQM(P) or AIM(P) pins to suppress
the high frequency mixing products. See the Applications
section for more information.
DNC (Pins 11, 14, 30): DO NOT CONNECT. No connection
should be made to these pins.
AQM, AQP, AIP, AIM (Pins 12, 13, 28, 29): Amplifier
Differential Input Pins. When connected to the mixer
output pins, the DC bias point is VCC – 1.4V for each pin.
A lowpass filter is typically used between the AQM(P) or
AIM(P) pins and the MQM(P) or MIM(P) pins to suppress
the high frequency mixing products. See the Applications
section for more information.
IFQM, IFQP, IFIP, IFIM (Pins 15, 16, 25, 26): IF Amplifier
Output Pins. The current used by the output amplifiers
is set by a resistance of 25Ω to 200Ω from each pin to
ground and the VCM control voltage.
CSB (Pin 17): Chip Select Bar. When CSB is low, the
serial interface is enabled. It can be driven with 1.2V to
3.3V logic levels.
VCC (Pin 18): Positive Supply Pin. This pin should be
bypassed with a 1000pF and 4.7µF capacitor to ground.
LOP, LOM (Pins 19, 20): LO Inputs. External matching
is not needed. Can be driven 50Ω single-ended or 100Ω
differentially. The LO pins should be DC-blocked with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com