Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADF5355 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 17Page - Analog Devices ADF5355 Datasheet HTML 18Page - Analog Devices ADF5355 Datasheet HTML 19Page - Analog Devices ADF5355 Datasheet HTML 20Page - Analog Devices ADF5355 Datasheet HTML 21Page - Analog Devices ADF5355 Datasheet HTML 22Page - Analog Devices ADF5355 Datasheet HTML 23Page - Analog Devices ADF5355 Datasheet HTML 24Page - Analog Devices ADF5355 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC5594
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
used, the resulting IF slope will be 1dB/GHz. If a low side
LO (LSLO) is used, the resulting IF slope will be –1dB/
GHz.TheIFfiltercomponentvaluescanbeadjustedsothat
approximately 1dB of peaking or roll-off can be achieved
over the filter bandwidth to give an overall flat IF response
for the HSLO or LSLO case.
I-Channel and Q-Channel Outputs
The phase relationship between the I-channel output
signal and the Q-channel output signal is fixed. When the
LO input frequency is higher (or lower) than the RF input
frequency, the Q-channel outputs (IFQP, IFQM) lead (or
lag) the I-channel outputs (IFIP, IFIM) by 90°.
Figure 11 shows a simplified schematic of the IF amplifier
outputs. The current-mode outputs require a terminating
resistance to establish a common mode voltage level. The
optimum operating current is 18mA per output. A 50Ω
termination is recommended on each output for a 0.9V
common mode voltage (R5, R6). Operation at a higher
common mode voltage is possible with the addition of
a common mode termination. For example, to operate
at 1.8V, an additional common mode resistance of 25Ω
(R5 = 66.5Ω and R6 = 0Ω, or R5 = R6 = 43.2Ω) would
be used to maintain an output current of 18mA. Alterna-
tively, a 100Ω termination to ground on each output can
be used for a 1.8V common mode voltage with 6dB more
Figure 9. Simplified Schematic of the Mixer Output and IF Amplifier Input with Interstage Filter
Figure 10. Interstage IF Filter with Common Mode Termination
L2
L1
C11
C9
C12
C10
50
MIP
MIM
AIM
AIP
5594 F10
1pF
2k
42mA
42mA
1.5nH
1.5nH
0.2pF
0.2pF
L2
100
0.6pF
50
100
50
50
0.6pF
50
L1
C11
C9
C12
C10
LTC5594
AC CURRENT
SOURCE
PACKAGE
PARASITICS
1.5nH
1.5nH
0.2pF
0.2pF
PACKAGE
PARASITICS
VCC
GND
MIP
MIM
AIM
AIP
5594 F09
1pF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com