Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3971 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 14Page - National Semiconductor (TI) LP3971 Datasheet HTML 15Page - National Semiconductor (TI) LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
I
2C Register Definitions
I
2C CONTROL REGISTERS
Register
Address
Register
Name
Read/
Write
Register Description
8h’02
ISR
R
Interrupt Status Register A
8h’07
SCR1
R/W
System Control Register 1
8h’0B
BBCC
R/W
Backup Battery Charger Control Register
8h’0E
SCR2
R/W
System Control Register 2
8h’10
BOVEN
R/W
Buck Output Voltage Enable Register
8h’11
BOVSR
R
Buck Output Voltage Status Register
8h’12
LDOEN
R/W
LDO Output Voltage Enable Register
8h’13
LDOVS
R
LDO Output Voltage Status Register
8h’20
VCC1
R/W
Voltage Change Control Register 1
8h’23
B1TV1
R/W
Buck 1 Target Voltage 1 Register
8h’24
B1TV2
R/W
Buck 1 Target Voltage 2 Register
8h’25
B1RC
R/W
Buck 1 Ramp Control
8h’29
B2TV1
R/W
Buck 2 Target Voltage 1 Register
8h’2A
B2TV2
R/W
Buck 2 Target Voltage 2 Register
8h’2B
B2RC
R/W
Buck 2 Voltage Ramp Control
8h’32
B3TV1
R/W
Buck 3 Target Voltage 1 Register
8h’33
B3TV2
R/W
Buck 3 Target Voltage 2 Register
8h’34
B3RC
R/W
Buck 3 Voltage Ramp Control
8h’38
BFR
R/W
Buck Function Register
8h’39
L21VCR
R/W
LDO2 & 1 Voltage Control Registers
8h’3A
L43VCR
R/W
LDO4 & LDO3 Voltage Control Registers
8h’3B
L5VCR
R/W
LDO5 Voltage Control Registers
INTERRUPT STATUS REGISTER (ISR) 8h’02
Bit
7
6
5
4
3
2
1
0
Designation
T100
T125
GPI2
GPI1
WU3L
WUPS
WUPT
WUPS
Reset Value
0
0
0
0
0
0
0
0
INTERRUPT STATUS REGISTER (ISR) 8h’02 DEFINITIONS
Bit
Access
Name
Description
7
-
-
Reserved
6
R
T125
Status bit for thermal warming PMIC T>125˚C
0 = PMIC Temp. <125˚C
1 = PMIC Temp. >125˚C
5
R
GPI2
Status bit for the input read in from GPIO 2 when set as Input
0 = GPI2 Logic Low
1 = GPI2 Logic High
4
R
GPI1
Status bit for the input read in from GPIO 1 when set as Input
0 = GPI1 Logic Low
1 = GPI1 Logic High
3
R
WU3L
PWR_ON Pin Long Pulse Wake Up Status
0=1No wake up event
1 = Long pulse wake up event
2
R
WUPS
PWR_ON Pin Short Pulse Wake Up Status
0 = No wake up event
1 = Short pulse wake up event
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com