Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FXLS90120 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 17Page - NXP Semiconductors FXLS90120 Datasheet HTML 18Page - NXP Semiconductors FXLS90120 Datasheet HTML 19Page - NXP Semiconductors FXLS90120 Datasheet HTML 20Page - NXP Semiconductors FXLS90120 Datasheet HTML 21Page - NXP Semiconductors FXLS90120 Datasheet HTML 22Page - NXP Semiconductors FXLS90120 Datasheet HTML 23Page - NXP Semiconductors FXLS90120 Datasheet HTML 24Page - NXP Semiconductors FXLS90120 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 800 Hz, 4p
User
range
(g)
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
240 PSI5
2
0.5
2
0.6
2
0.8
480 PSI5
1
0.5
2
0.6
2
0.8
Table 23. Z-Axis, High g, PSI5 10-bit noise specification...continued
10.7 Electrical characteristics - inertial sensor signal chain: Medium g
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Sensitivity
Total Sensitivity Error Including Linearity (From Trim Target, Output @ 0 Hz)
10585
Medium g, lateral, or Z-Axis, Verified with a 15 g Range
*
SENSERRM
–5
—
+5
%
1
Medium g Standard Trim Range 12-bit Sensitivity Target, lateral, or Z-Axis
10602
± 16 g Range (±2047 LSB, U_SNS_SHIFT = 0x3, U_SNS_MULT = 0xF0)
*
SENS016M
121.
5406
127.
9375
134.
3344
LSB/g
1
Offset
Digital Offset Before Offset Cancellation 12 bit, lateral, or Z-Axis
10627
Medium g (25 g Range, scales with user sensitivity scaling)
*
OFFMed_1
–100
—
+100
LSB
1
10583
Digital Offset After Offset Cancellation, lateral, or Z-Axis, All Ranges, 12
bit
OFFCANC12Bit
–1
0
+1
LSB
6, 8, 9
Digital Offset After Offset Cancellation with rate limiter, lateral, or Z-Axis,
All Ranges, 12 bit
OFFCANCRL12Bit
–2
0
+2
LSB
7, 8, 9
Continuous Offset Monitor Limit (U_SNS_SHIFT = 0x2, U_SNS_MULT = 0x00)
10619
12 bit: Scales with user gain, Medium g = ~5 g
OFFMON
–164
—
+164
LSB
7, 8, 9
Sensor
Range of Output (SPI, DSI3, lateral, or Z-Axis, All Ranges)
10635
Signed Sensor Data, 10 bit
RANGESigned_10
–511
—
+511
LSB
7, 8, 9
10628
Signed Sensor Data, 12 bit
RANGESigned_12
–2047
—
+2047
LSB
7, 8, 9
10636
Signed Error Code, 10 bit
ERRSigned_10
—
–512
—
LSB
7, 8, 9
10637
Signed Error Code, 12 bit
ERRSigned_12
—
–2048
—
LSB
7, 8, 9
Range of Output (SPI, DSI3, lateral, or Z-Axis, All Ranges)
10638
Unsigned Sensor Data, 10 bit
RANGEUnsigned_10
1
—
1023
LSB
7, 8, 9
10639
Unsigned Sensor Data, 12 bit
RANGEUnsigned_12
1
—
4095
LSB
7, 8, 9
10640
Unsigned Error Code, 10 bit, 12 bit
ERRUnsigned
—
0
—
LSB
7, 8, 9
Range of Output (PSI5, lateral, or Z-Axis, All Ranges)
10634
Signed Sensor Data, 10 bit
RANGESigned_10
–480
—
+480
LSB
7, 8, 9
Cross-Axis Sensitivity, lateral, or Z-Axis, All Ranges
10645
Z-axis to X-Axis, Y-axis to X-Axis, Z-axis to Y-Axis, X-axis to Y-Axis
VZX, VYX
–5
—
+5
%
6
10647
X-axis to Z-Axis, Y-axis to Z-Axis
VXZ, VYZ
–5
—
+5
%
6
Non-Linearity (12 bit, lateral, or Z-Axis, All Ranges)
10669
Differential Non-Linearity (No Missing Codes)
*
DNL
—
—
+1.0
LSB
7
10670
End Point Non-Linearity (Least Squares BFSL)
*
INL
—
—
+20.0
LSB
6
Table 24. Electrical characteristics - inertial sensor signal chain: Medium g
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
21 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com