Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FXLS90120 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # FXLS90120
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90120 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button FXLS90120 Datasheet HTML 24Page - NXP Semiconductors FXLS90120 Datasheet HTML 25Page - NXP Semiconductors FXLS90120 Datasheet HTML 26Page - NXP Semiconductors FXLS90120 Datasheet HTML 27Page - NXP Semiconductors FXLS90120 Datasheet HTML 28Page - NXP Semiconductors FXLS90120 Datasheet HTML 29Page - NXP Semiconductors FXLS90120 Datasheet HTML 30Page - NXP Semiconductors FXLS90120 Datasheet HTML 31Page - NXP Semiconductors FXLS90120 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Response Transmission (Command and Response Mode)
10716
Response Chip Time
tCHIP_CRM
—
5
—
µs
7, 8, 9
10742
Response Start Time (Section 12.3)
tSTART_CRM
—
295
—
µs
7, 8, 9
Command Reception (Periodic Data Collection Mode)
10715
Command Bit Time (Section 12.4)
tCmd_BitTime
—
8
—
µs
7, 8, 9
10743
Command Transmission Period (Section 12.4)
tPER_PDCM
50
—
—
µs
7, 8, 9
Response Transmission (Periodic Data Collection Mode)
10714
Response Chip Time Typical (Section 11.2.15.4)
tCHIP_PDCM
1.0
—
5.0
µs
7, 8, 9
10746
Min Programmed Start Time: PDCM_RSPSTx < 0x0015
tSTART_PDCM_Min
—
20
—
µs
7, 8, 9
10745
Min Programmed Start Time: BDM Enabled
tSTART_PDCMBDMMin
—
51
—
µs
7, 8, 9
10744
Max Programmed Start Time: PDCM_RSPSTx = 0x1FFF
tSTART_PDCM_Max
—
8191
—
µs
7, 8, 9
Response Transmission (Background Diagnostic Mode)
49314
Response Chip Time
tCHIP_BDM
—
tCHIP_PDCM
—
µs
7, 8, 9
10747
Response Start Time (Section 12.4)
tSTART_BDM
—
20
—
µs
7, 8, 9
10712
DSI Data Latency
tLAT_DSI
0
—
2.00
µs
7, 8
OTP Program Timing
10711
Time to program an OTP User Region
tOTP_WRITE_MAX
—
—
10
ms
7, 8, 9
Table 34. Dynamic electrical characteristics - DSI3...continued
10.12 Dynamic electrical characteristics - PSI5
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Initialization Timing
10748
Phase 1
tPSI5_INIT1
—
133
—
ms
7, 8, 9
10758
Phase 2 (Synchronous Mode, k = 4, tS-S = 500 µs)
tPSI5_INIT2_10s
—
256 * tS-S
—
s
7, 8, 9
10757
Phase 2 (Asynchronous Mode, k = 8)
tPSI5_INIT2_10a
—
512 *
tASYNC
—
s
7, 8, 9
10756
Phase 3 (Synchronous Mode, tS-S = 500 µs)
tPSI5_INIT3_10s
—
2 * tS-S
—
s
7, 8, 9
10755
Phase 3 (Asynchronous Mode)
tPSI5_INIT3_10a
—
2 * tASYNC
—
s
7, 8, 9
10754
PSI5 Self-test Start Time
tPSI5ST_START
—
30
—
ms
7, 8
10753
PSI5 Self-test Time, including Post OC Startup Offset
tST
—
223
—
ms
7, 8
41756
Programming Mode Entry Window
tPME
—
127
—
ms
7, 8, 9
Synchronization Pulse
10759
Reset to first sync pulse (Program Mode Entry)
tRS_PM
6
—
—
ms
7, 8, 9
10779
Reset to first sync pulse (Normal Mode)
tRS
tPSI5_INIT1
—
—
s
7, 8, 9
10778
Sync Pulse Period
tS-S
175
—
—
µs
7, 8, 9
10777
Sync Pulse Width
tSYNC
9
—
—
µs
7, 8, 9
10776
Sync Pulse Reference LPF time constant
tSYNC_LPF
120
280
—
µs
7, 9
Table 35. Dynamic electrical characteristics - PSI5
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
28 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com