Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C33256PFS18A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS18A
Description  3.3V 256K16/18 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS18A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C33256PFS18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AS7C33256PFS16A
AS7C33256PFS18A
®
3/14/01; V.1.0
Alliance Semiconductor
P. 4 of 11
Synchronous truth table
Key: X = Don’t Care, L = Low, H = High.
1See “Write enable truth table” on page 2 for more information.
2
Q in flow through mode
3
For write operation following a READ,
OE must be HIGH before the input data set up time and held HIGH throughout the input hold
time.
Recommended operating conditions
CE0
CE1
CE2
ADSP
ADSC
ADV
WEn1
OE
Address accessed
CLK
Operation
DQ
H
X
X
X
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
L
X
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
L
L
X
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
X
H
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
L
X
H
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
H
L
L
X
X
X
L
External
L to H
Begin read
Hi
−Z2
L
H
L
L
X
X
X
H
External
L to H
Begin read
Hi
−Z
L
H
L
H
L
X
F
L
External
L to H
Begin read
Hi
−Z2
L
H
L
H
L
X
F
H
External
L to H
Begin read
Hi
−Z
X
X
X
H
H
L
F
L
Next
L to H
Cont. read
Q
X
X
X
H
H
L
F
H
Next
L to H
Cont. read
Hi
−Z
X
X
X
H
H
H
F
L
Current
L to H
Suspend read
Q
X
X
X
H
H
H
F
H
Current
L to H
Suspend read
Hi
−Z
H
X
X
X
H
L
F
L
Next
L to H
Cont. read
Q
H
X
X
X
H
L
F
H
Next
L to H
Cont. read
Hi
−Z
H
X
X
X
H
H
F
L
Current
L to H
Suspend read
Q
H
X
X
X
H
H
F
H
Current
L to H
Suspend read
Hi
−Z
L
H
L
H
L
X
T
X
External
L to H
Begin write
D3
X
X
X
H
H
L
T
X
Next
L to H
Cont. write
D
H
X
X
X
H
L
T
X
Next
L to H
Cont. write
D
X
X
X
H
H
H
T
X
Current
L to H
Suspend write
D
H
X
X
X
H
H
T
X
Current
L to H
Suspend write
D
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VDD
3.135
3.3
3.6
V
VSS
0.0
0.0
0.0
3.3V I/O supply
voltage
VDDQ
3.135
3.3
3.6
V
VSSQ
0.0
0.0
0.0
2.5V I/O supply
voltage
VDDQ
2.35
2.5
2.9
V
VSSQ
0.0
0.0
0.0
Input voltages
Address and
control pins
VIH
2.0
VDD + 0.3
V
VIL
–0.5*
* VIL min = –2.0V for pulse width less than 0.2 × tRC.
† Input voltage ranges apply to 3.3V I/O operation. For 2.5V I/O operation, contact factory for input specifications.
–0.8
I/O pins
VIH
2.0
VDDQ + 0.3
V
VIL
–0.5*
–0.8
Ambient operating temperature
TA
0–
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com