Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C33256PFS18A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS18A
Description  3.3V 256K16/18 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS18A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS18A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AS7C33256PFS16A
AS7C33256PFS18A
®
3/14/01; V.1.0
Alliance Semiconductor
P. 6 of 11
*“Notes” column refers to “notes” on page 10.
Key to switching waveforms
Clock access time (flow-through
mode)
tCDF
9
–10–10
–12
ns
Output enable LOW to data valid
tOE
3.5
3.8
4.0
5.0
ns
Clock HIGH to output Low Z
tLZC
0
0–
0–0
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5
1.5
1.5
1.5
ns
2
Output enable LOW to output Low Z
tLZOE
0
0–
0–0
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
3.5
3.8
4.0
4.5
ns
2,3,4
Clock HIGH to output High Z
tHZC
3.5
3.8
4.0
5.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0
0–
0–0
ns
Clock HIGH pulse width
tCH
2.4
2.5
2.5
3.5
ns
5
Clock LOW pulse width
tCL
2.4
2.5
2.5
3.5
ns
5
Address setup to clock HIGH
tAS
1.5
1.5
1.5
2.0
ns
6
Data setup to clock HIGH
tDS
1.5
1.5
1.5
2.0
ns
6
Write setup to clock HIGH
tWS
1.5
1.5
1.5
2.0
ns
6,7
Chip select setup to clock HIGH
tCSS
1.5
1.5
1.5
2.0
ns
6,8
Address hold from clock HIGH
tAH
0.5
0.5
0.5
0.5
ns
6
Data hold from clock HIGH
tDH
0.5
0.5
0.5
0.5
ns
6
Write hold from clock HIGH
tWH
0.5
0.5
0.5
0.5
ns
6,7
Chip select hold from clock HIGH
tCSH
0.5
0.5
0.5
0.5
ns
6,8
ADV setup to clock HIGH
tADVS
1.5
1.5
1.5
2.0
ns
6
ADSP setup to clock HIGH
tADSPS
1.5
1.5
1.5
2.0
ns
6
ADSC setup to clock HIGH
tADSCS
1.5
1.5
1.5
2.0
ns
6
ADV hold from clock HIGH
tADVH
0.5
0.5
0.5
0.5
ns
6
ADSP hold fromclock HIGH
tADSPH
0.5
0.5
0.5
0.5
ns
6
ADSC hold from clock HIGH
tADSCH
0.5
0.5
0.5
0.5
ns
6
Parameter
Symbol
–166
–150
–133
–100
Unit
Notes*
MinMax
MinMax
MinMax
MinMax
Undefined/don’t care
Falling input
Rising input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com