Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7203D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7203D
Description  800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7203D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7203D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7203D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7203D Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7203D
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
2
Absolute Maximum Ratings(1)
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
VSS-0.3~VSS+7.5
V
CE,SW,FB/VOUT Voltage
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT23-5
PD
400
mV
Operating Temperature
Topr
-40~+85
℃
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tstg
260℃, 10s
ESD HBM(Human Body Mode)
Tsolder
2
kV
ESD MM(Machine Mode)
200
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com