Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7203D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7203D
Description  800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7203D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7203D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7203D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7203D Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7203D
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE7203D is a constant frequency, current mode step-down converter. The device integrates a
main switch and a synchronous rectifier for high efficiency without an external Scotty diode. It is ideal for
powering portable equipment that runs from a single cell Lithium-Ion (Li+) battery. The output voltage can
be regulated as low as 0.6V. The ACE7203D can also run at 100% duty cycle for low dropout operation,
extending battery life in portable system. This device offers two operation modes, PWM control and PFM
Mode switching control, which allows a high efficiency over the wider range of the load.
The ACE7203D is offered in a low profile 5-pin, SOT package, and is available in an adjustable version.
Features
⚫
High efficiency :Up to 96%
⚫
1.5MHz Constant Frequency Operation
⚫
800mA Output Current
⚫
No Scotty Diode Required
⚫
2V to 6.5V Input Voltage Range
⚫
Output Voltage as Low as 0.6V
⚫
PFM Mode for High Efficiency in Light Load
⚫
100% Duty Cycle in Dropout Operation
⚫
Low Quiescent Current: 20uA
⚫
Slope Compensated Current Mode Control for Excellent Line and Load Transient Response
⚫
Short Circuit Protection
⚫
Thermal Fault Protection
⚫
Inrush Current Limit and Soft Start
⚫
<1μA Shutdown Current
⚫
SOT23-5 package
Application
⚫
Cellular and Smart Phones
⚫
PDAs
⚫
Wireless and DSL Modems
⚫
Digital Still and Video Cameras
⚫
DTV
⚫
Portable Instruments


Similar Part No. - ACE7203D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7203B ACE-ACE7203B Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE7203BPN+H ACE-ACE7203BPN+H Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE7203D

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
M3406 ETC1-M3406 Datasheet
383Kb / 9P
800mA,2V-6V Input,1.5MHz Synchronous Step-Down Converter
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com