Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7273C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7273C
Description  500KHz, 16V, 3A Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7273C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7273C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7273C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7273C Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7273C
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
2
Absolute Maximum Ratings
Parameter
Value
Supply Voltage VIN
-0.3V to 17V
Switch Node Voltage VSW
-0.3V to (VIN+0.3V)
Boost Voltage VBST
VSW-0.3V to VSW+5V
Enable Voltage VEN
-0.3V to (VIN+0.3V)
All Other Pins
-0.3V to 6V
Package thermal resistance (
JA)
150
C / W
Package thermal resistance (
JC)
50
C / W
Max operating junction temperature(TJ)
150
C
Operating temperature range
-30
C to 85C
Storage Temperature Range
-65
C to 150C
Lead temperature (soldering, 10s)
260
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com