Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7273C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7273C
Description  500KHz, 16V, 3A Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7273C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7273C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7273C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7273C Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7273C
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
1
Description
The ACE7273C is a fully integrated, high-efficiency 3A synchronous rectified step-down converter. The
ACE7273C operates at high efficiency over a wide output current load range.
This device offers two operation modes, PWM control and PFM Mode switching control, which allows a
high efficiency over the wider range of the load.
The ACE7273C requires a minimum number of readily available standard external components and is
available in SOT23-6 package.
Features
High Efficiency: Up to 96%
500KHz Frequency Operation
Up to 3A Output Current
No Schottky Diode Required
4.5V to 16V Input Voltage Range
0.8V Reference
Slope Compensated Current Mode Control for Excellent Line and Load Transient Response
Integrated internal compensation
Stable with Low ESR Ceramic Output Capacitors
Over Current Protection with Hiccup-Mode
Over temperature protection
Inrush Current Limit and Soft Start
Available in SOT23-6
-30°C to +85°C Temperature Range
Application
Distributed Power Systems
Digital Set Top Boxes
Flat Panel Television and Monitors
Wireless and DSL Modems
Notebook Computer


Similar Part No. - ACE7273C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE727ZGM+H ACE-ACE727ZGM+H Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7273C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com