Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7316LA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7316LA
Description  500KHz, 16V, 3A Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7316LA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7316LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE7316LA
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
2
Absolute Maximum Rating
Parameter
Value
Supply voltage VIN
-0.3V to 17V
Switch node voltage VSW
-0.3V to (VIN+0.3V)
Boost voltage VBST
VSW-0.3V to VSW+5V
Enable voltage VEN
-0.3V to (VIN+0.3V)
All other pins
-0.3V to 6V
Package thermal resistance (JA)
150°C /W
Package thermal resistance (JC)
50°C /W
Max operating junction temperature (TJ)
150°C
Operating temperature range
-30°C to 85°C
Storage temperature range
-65°C to 150°C
Lead temperature (soldering, 10s)
260°C
Ordering information
ACE7316LA XX + H
Halogen - free
GM: SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com