Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7316LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7316LA
Description  500KHz, 16V, 3A Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7316LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7316LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7316LA Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7316LA
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE7316LA is a fully integrated, high-efficiency 3A synchronous rectified step-down converter.
The ACE7316LA operates at high efficiency over a wide output current load range.
This device offers two operation modes, PWM control and PFM Mode switching control, which allows a
high efficiency over the wider range of the load.
The ACE7316LA requires a minimum number of readily available standard external components and is
available in SOT23-6 package.
Features
⚫
High efficiency: up to 96%
⚫
500KHz frequency operation
⚫
Up to 3A output current
⚫
No schottky diode required
⚫
4.5V to 16V input voltage range
⚫
0.8V reference
⚫
Slope compensated current mode control for excellent line and load transient response
⚫
Integrated internal compensation
⚫
Stable with low ESR ceramic output capacitors
⚫
Over current protection with hiccup-mode
⚫
Over temperature protection
⚫
Inrush current limit and soft start
⚫
Available in SOT23-6
⚫
-30°C to 85°C temperature range
Application
⚫
Distributed power systems
⚫
Digital set top boxes
⚫
Flat panel television and monitors
⚫
Wireless and DSL modems
⚫
Notebook computer


Similar Part No. - ACE7316LA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE73100N ACE-ACE73100N Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE73100NIM+H ACE-ACE73100NIM+H Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE7310M ACE-ACE7310M Datasheet
614Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE7318EI ACE-ACE7318EI Datasheet
213Kb / 3P
1MHz, 18V, 3.0A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7316LA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com