Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7356N Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7356N
Description  High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7356N Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7356N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7356N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7356N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7356N
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
2
Absolute Maximum Ratings (Note1)
Parameter
Value
Supply Input Voltage
85V
BST to SW Voltage
6V
All Other Pins
VIN+0.3V
Power Dissipation, PD@TA=25°C
1W
Package Thermal Resistance (Note 2)
θJA
100°C/W
θJC
25°C/W
Junction Temperature
150°C
Lead Temperature (Soldering, 10sec.)
260°C
Storage Temperature Range
-65°C to 150°C
Note 1: Stresses beyond the “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θJA is measured in the natural convection at TA= 25°C on a two-layer Silergy Evaluation Board.
Note 3: The device is not guaranteed to function outside its operating conditions.
Recommended Operating Conditions (Note 3)
Parameter
Value
Supply Input Voltage
4.5V to 85V
Junction Temperature Range
-40°C to 125°C
Ambient Temperature Range
-40°C to 85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com